Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 425 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 425 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 421Page - PMC-Sierra, Inc PM5313 Datasheet HTML 422Page - PMC-Sierra, Inc PM5313 Datasheet HTML 423Page - PMC-Sierra, Inc PM5313 Datasheet HTML 424Page - PMC-Sierra, Inc PM5313 Datasheet HTML 425Page - PMC-Sierra, Inc PM5313 Datasheet HTML 426Page - PMC-Sierra, Inc PM5313 Datasheet HTML 427Page - PMC-Sierra, Inc PM5313 Datasheet HTML 428Page - PMC-Sierra, Inc PM5313 Datasheet HTML 429Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
393
Register 1037H: SPECTRA-622 ADD Bus Signal Activity Monitor
Bit
Type
Function
Default
Bit 7
R
ADA1
X
Bit 6
R
ACA1
X
Bit 5
R
ADA2
X
Bit 4
R
ACA2
X
Bit 3
R
ADA3
X
Bit 2
R
ACA3
X
Bit 1
R
ADA4
X
Bit 0
R
ACA4
X
This register provides activity monitoring on SPECTRA-622 signal and data
inputs for byte ADD Telecombus operation. When a monitored input makes a low
to high transition, the corresponding register bit is set high. The bit will remain
high until this register is read, at which point, all the bits in this register are
cleared. A lack of transitions is indicated by the corresponding register bit reading
low. This register should be read periodically to detect stuck at conditions.
ACAn:
The ADD bus control active (ACAn) bit monitors for low to high transitions on
the corresponding APL[n], AC1J1V1[n] and ADP[n] inputs. ACAn is set high
when rising edges have been observed on all these signals, and is set low
when this register is read In applications where APL may be tied low, APL
may be excluded from the activity monitor status using the INCAPL register
bit. If ADP is tied low or high, no activity will be detected on these bits.
ADAn:
The ADD bus data active (ADAn) bit monitors for low to high transitions on the
corresponding AD[7:0] (#1), AD[15:8] (#2), AD[23:16] (#3) or AD[31:24] (#4)
bus when configured for byte Telecom ADD bus mode. ADAn is set high when
rising edges have been observed on all the required signals in the
corresponding Telecom ADD bus, and is set low when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com