Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 424 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 424 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 420Page - PMC-Sierra, Inc PM5313 Datasheet HTML 421Page - PMC-Sierra, Inc PM5313 Datasheet HTML 422Page - PMC-Sierra, Inc PM5313 Datasheet HTML 423Page - PMC-Sierra, Inc PM5313 Datasheet HTML 424Page - PMC-Sierra, Inc PM5313 Datasheet HTML 425Page - PMC-Sierra, Inc PM5313 Datasheet HTML 426Page - PMC-Sierra, Inc PM5313 Datasheet HTML 427Page - PMC-Sierra, Inc PM5313 Datasheet HTML 428Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
392
Register 1036H: SPECTRA-622 System Side Clock Activity Monitor
Bit
Type
Function
Default
Bit 7
R
ACKA
X
Bit 6
R
DCKA
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R
DS3RICLKA
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
Unused
X
This register provides activity monitoring on SPECTRA-622 system-side clock
inputs. When a monitored input makes a low to high transition, the corresponding
register bit is set high. The bit will remain high until this register is read, at which
point, all the bits in this register are cleared. A lack of transitions is indicated by
the corresponding register bit reading low. This register should be read
periodically to detect stuck at conditions.
DS3RICLKA:
The DS3RICLK active (DS3RICLKA) bit monitors for low to high transitions on
the DS3RICLK input. DS3RICLKA is set high on a rising edge of DS3RICLK,
and is set low when this register is read.
DCKA:
The DCK active (DCKA) bit monitors for low to high transitions on the DCK
input. DCKA is set high on a rising edge of DCK, and is set low when this
register is read.
ACKA:
The ACK active (ACKA) bit monitors for low to high transitions on the ACK
input. ACKA is set high on a rising edge of ACK, and is set low when this
register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com