Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 438 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 438 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 434Page - PMC-Sierra, Inc PM5313 Datasheet HTML 435Page - PMC-Sierra, Inc PM5313 Datasheet HTML 436Page - PMC-Sierra, Inc PM5313 Datasheet HTML 437Page - PMC-Sierra, Inc PM5313 Datasheet HTML 438Page - PMC-Sierra, Inc PM5313 Datasheet HTML 439Page - PMC-Sierra, Inc PM5313 Datasheet HTML 440Page - PMC-Sierra, Inc PM5313 Datasheet HTML 441Page - PMC-Sierra, Inc PM5313 Datasheet HTML 442Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
406
Register 1100H: SPECTRA-622 TPPS Configuration
Bit
Type
Function
Default
Bit 7
R/W
MASTER
1
Bit 6
R/W
Reserved
0
Bit 5
R/W
STM1-CONCAT
0
Bit 4
R/W
SLLBEN
0
Bit 3
R/W
DS3SLLBEN
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
RXSEL[1]
0
Bit 0
R/W
RXSEL[0]
0
This register allows the operational mode of the SPECTRA-622 Transmit Path
Processing Slice (TPPS) to be configured.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
RXSEL[1:0]:
The RXSEL[1:0] bits controls the source of the associated receive section of
the transmit stream. When RXSEL[1:0] is set to ‘b00, the receive section is
chosen to be one in the local SPECTRA-622. The path REI count and path
RDI status of the transmit stream is derived from the local RPOP. When
RXSEL[1:0] is set to ‘b01, a remote receive section is chosen and it reports
the detected path BIP-8 error count and the path AIS status of its DROP bus
via the transmit alarm port. The path status byte in the transmit stream carries
the path REI and path RDI indications reported in the transmit alarm port.
When RXSEL[1:0] is set to ‘b10, inband error reporting is chosen. The
associated receive section forms a new G1 byte reporting on the path BIP-8
errors detected and path AIS status. The SPECTRA-622 does not support
inband error reporting of enhanced RDI codes. To enable inband reporting of
non-enhanced RDI codes, the SPECTRA-622 must be configured to generate
path AIS on the drop bus for all events which can cause RDI. The local
transmit section pass the path REI and path RDI bits on the ADD bus to the
transmit stream unmodified. When RXSEL[1:0] is set to ‘b11, the path status
byte in the transmit stream is not associate with any receive stream. No path
REI nor path RDI will be reported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com