Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 439 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 439 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 435Page - PMC-Sierra, Inc PM5313 Datasheet HTML 436Page - PMC-Sierra, Inc PM5313 Datasheet HTML 437Page - PMC-Sierra, Inc PM5313 Datasheet HTML 438Page - PMC-Sierra, Inc PM5313 Datasheet HTML 439Page - PMC-Sierra, Inc PM5313 Datasheet HTML 440Page - PMC-Sierra, Inc PM5313 Datasheet HTML 441Page - PMC-Sierra, Inc PM5313 Datasheet HTML 442Page - PMC-Sierra, Inc PM5313 Datasheet HTML 443Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
407
Table 12
- RXSEL[1:0] codepoints for STS-1 and STS-Nc.
RXSEL[1:0]
Source
00
local SPECTRA-622
01
remote receive (TAP port)
10
Inband reporting
11
no reporting
DS3SLLBEN:
When set high, the DS3 system side line loopback enable bit (DS3SLLBEN)
activates line loopback of the receive DS3 data stream processed by the
corresponding RPPS. The receive DS3 data stream replaces the transmit
DS3 data stream from the ADD interface. When DS3SLLBEN is set low,
system side line loopback of the corresponding receive DS3 data stream is
disabled, the DS3 data stream from the ADD interface is processed normally.
The DS3 system side line loopback can only be enabled when the DS3 ADD
Bus stream is selected via the DS3ADDSEL register bit in the SPECTRA-622
TPPS Path and DS3 configuration register. DS3SLLBEN has not effect when
DS3ADDSEL is set low.
SLLBEN:
When set high, the system side line loopback enable bit (SLLBEN) activates
line loopback of the receive STS-1 (STM-0/AU3) or equivalent stream
processed by the corresponding RPPS. The receive stream replaces the
transmit STS-1 (STM-0/AU3) or equivalent stream from the ADD bus. When
SLLBEN is set low, system side line loopback of the corresponding receive
stream is disabled, the data stream from the ADD bus is processed normally.
The system side line loopback can only be enabled when the DS3 ADD Bus
stream is disabled via the DS3ADDSEL register bit in the SPECTRA-622
TPPS Path and DS3 configuration register. SLLBEN has not effect when
DS3ADDSEL is set high. When SLLBEN is low, TPIP is held in reset – TPIP
registers cannot be accessed.
STM1-CONCAT:
The STM1-CONCAT bit is used to configure the TPPS to be processing TU2,
TU11 or TU12 inside an STM-1(VC-4). When configured, TUAIS is properly
asserted as defined by the ITUAIS in the TTAL. When set high, the TTAL
fixed stuff columns are columns 1, 2 and 3. This supports TU2, TU11 and
TU12 payloads in a VC-4. When set low, the TTAL fixed stuff columns are
columns 30 and 59. When set low TUAIS can not be inserted properly. This
bit can otherwise be set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com