Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 443 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 443 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 439Page - PMC-Sierra, Inc PM5313 Datasheet HTML 440Page - PMC-Sierra, Inc PM5313 Datasheet HTML 441Page - PMC-Sierra, Inc PM5313 Datasheet HTML 442Page - PMC-Sierra, Inc PM5313 Datasheet HTML 443Page - PMC-Sierra, Inc PM5313 Datasheet HTML 444Page - PMC-Sierra, Inc PM5313 Datasheet HTML 445Page - PMC-Sierra, Inc PM5313 Datasheet HTML 446Page - PMC-Sierra, Inc PM5313 Datasheet HTML 447Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
411
Register 1106H: SPECTRA-622 TPPS Path Transmit Control
Bit
Type
Function
Default
Bit 7
R/W
ADDUEV
0
Bit 6
R/W
ADDUE
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
TDIS
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
TPTBEN
0
This register controls the insertion of path overhead and unequipped payload
pattern (FFH, 00H) in the transmit stream.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
TPTBEN:
The TPTBEN bit controls whether the path trace message stored in the TPTB
(in SPTB) block is inserted in the transmit stream. When TPTBEN is set high,
the message in the corresponding transmit path trace buffer (TPTB) is
inserted in the transmit stream. When TPTBEN is set low, the path trace
message is supplied by the TPOP block or via the corresponding TPOH input.
The TPTBEN bit must be set low and the serial TPOH stream must be disable
to prevent path trace insertion at intermediate tandem connection nodes.
NOTE: This register bit should normally be set low when the TPPS is
configured as a slave.
TDIS:
The TDIS bit controls the insertion of path overhead bytes in the transmit
stream. When TDIS is set high, the path overhead bytes of the corresponding
transmit stream is sourced from the ADD bus. Serial path overhead insertion
and modification via the TPOH input is still available. Modification applies to
the B3 and H4 byte. Setting TPOHEN high during the B3 or H4 byte field
modifies the transmitted byte in an unpredictable fashion. All other POH bytes
may be inserted via the TPOH input as controlled by the TPOHEN input
normally. When TDIS is set low, path overhead is processed normally. The
TDIS bit must be set high and the TPOHEN input set low to disable path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com