Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 446 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 446 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 442Page - PMC-Sierra, Inc PM5313 Datasheet HTML 443Page - PMC-Sierra, Inc PM5313 Datasheet HTML 444Page - PMC-Sierra, Inc PM5313 Datasheet HTML 445Page - PMC-Sierra, Inc PM5313 Datasheet HTML 446Page - PMC-Sierra, Inc PM5313 Datasheet HTML 447Page - PMC-Sierra, Inc PM5313 Datasheet HTML 448Page - PMC-Sierra, Inc PM5313 Datasheet HTML 449Page - PMC-Sierra, Inc PM5313 Datasheet HTML 450Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
414
Register 1110H: SPECTRA-622 TPPS Path AIS Control
Bit
Type
Function
Default
Bit 7
R/W
LOMTUAIS
0
Bit 6
R/W
TPAIS_EN
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
LOPPAIS
0
Bit 2
R/W
PAISPAIS
0
Bit 1
R/W
LOPCONPAIS
0
Bit 0
R/W
PAISCONPAIS
0
This register controls the auto assertion of transmit path/TU AIS. These register
bits should normally be set low when the TPPS is configured as a slave unless
indicated otherwise.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PAISCONPAIS:
When set high, the PAISCONPAIS bit enable path AIS insertion on the
transmit stream when path AIS concatenation event is detected. When this bit
is set low, the corresponding event has no effect on the transmit stream.
NOTE: This register bit should only be used when the TPPS is configured as
a slave. Otherwise, it should normally be set low.
LOPCONPAIS:
When set high, the LOPCONPAIS bit enable path AIS insertion on the
transmit stream when loss of concatenated pointer (LOPCON) event is
detected. When this bit is set low, the LOPCON event has no effect on the
transmit stream.
NOTE: This register bit should only be used when the TPPS is configured as
a slave. Otherwise, it should normally be set low.
PAISPAIS:
When set high, the PAISPAIS bit enables path AIS insertion on the transmit
stream when path AIS is detected on the ADD bus. When PAISPAIS is set
low, path AIS events have no effect on the transmit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com