Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 448 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 448 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 444Page - PMC-Sierra, Inc PM5313 Datasheet HTML 445Page - PMC-Sierra, Inc PM5313 Datasheet HTML 446Page - PMC-Sierra, Inc PM5313 Datasheet HTML 447Page - PMC-Sierra, Inc PM5313 Datasheet HTML 448Page - PMC-Sierra, Inc PM5313 Datasheet HTML 449Page - PMC-Sierra, Inc PM5313 Datasheet HTML 450Page - PMC-Sierra, Inc PM5313 Datasheet HTML 451Page - PMC-Sierra, Inc PM5313 Datasheet HTML 452Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
416
Register 1128H: SPECTRA-622 TPPS Path/DS3 Interrupt Status
Bit
Type
Function
Default
Bit 7
R
TPAIS
X
Bit 6
R
Unused
X
Bit 5
R
TTALI
X
Bit 4
R
TPIPI
X
Bit 3
R
D3MAI
X
Bit 2
R
Unused
X
Bit 1
R
APGMI
X
Bit 0
X
Unused
X
This register, together with the SPECTRA-622 Section/Line Interrupt Status
register, allows the source of an active interrupt for the transmit side to be
identified down to the block level. Further register accesses to the block in
question are required in order to determine each specific cause of an active
interrupt and to acknowledge each interrupt source.
APGMI:
The APGMI bits are high when an interrupt request is active from the APGM
block.
D3MAI:
The D3MAI bit is high when an interrupt request is active from the D3MA
block.
TPIPI:
The TPIPI bit is high when an interrupt request is active from the TPIP block.
TTALI:
The TTALI bits is high when an interrupt request is active from the TTAL
block.
TPAIS
The transmit stream alarm indication signal (TPAIS) bit is set high when path
AIS is inserted in the transmit stream being processed by the TPPS. Transmit
Path AIS assertion is controlled using the TTAL Control register or the TPOP
Control register or the SPECTRA-622 TPPS Path AIS Control register with
the ADD bus pointer interpretation enabled. Note, TPAIS is not an interrupt
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com