Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 452 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 452 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 448Page - PMC-Sierra, Inc PM5313 Datasheet HTML 449Page - PMC-Sierra, Inc PM5313 Datasheet HTML 450Page - PMC-Sierra, Inc PM5313 Datasheet HTML 451Page - PMC-Sierra, Inc PM5313 Datasheet HTML 452Page - PMC-Sierra, Inc PM5313 Datasheet HTML 453Page - PMC-Sierra, Inc PM5313 Datasheet HTML 454Page - PMC-Sierra, Inc PM5313 Datasheet HTML 455Page - PMC-Sierra, Inc PM5313 Datasheet HTML 456Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
420
Register 1130H: SPECTRA-622 TPPS Auxiliary Path Interrupt Status
Bit
Type
Function
Default
Bit 7
R/W
LOPCONI
X
Bit 6
R/W
PAISCONI
X
Bit 5
R/W
Reserved
X
Bit 4
R/W
PAISI
X
Bit 3
R/W
LOPI
X
Bit 2
R/W
LOMI
X
Bit 1
R/W
Unused
X
Bit 0
R/W
Unused
X
This register replicates the path interrupts that can be found in the TPIP register.
However, unlike the TPIP interrupt register bits that clear on reads, these register
bits do not clear when read. To clear these registers bits, a logic one must be
written to the register bit.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
LOMI:
The loss of multiframe interrupt status bit (LOMI) is set high on changes in the
loss of multiframe status.
LOPI:
The loss of pointer interrupt status bit (LOPI) is set high on the change of loss
of pointer status.
PAISI:
The path AIS interrupt status bit (PAISI) is set high on changes in the path AIS
status.
PAISCONI:
The path AIS concatenation interrupt (PAISCONI) bit is set high when there is
a change of the path AIS concatenation state. This auxiliary interrupt status
corresponds to the AU3PAISCONI status in the TPIP Alarm Interrupt Status
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com