Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 455 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 455 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 451Page - PMC-Sierra, Inc PM5313 Datasheet HTML 452Page - PMC-Sierra, Inc PM5313 Datasheet HTML 453Page - PMC-Sierra, Inc PM5313 Datasheet HTML 454Page - PMC-Sierra, Inc PM5313 Datasheet HTML 455Page - PMC-Sierra, Inc PM5313 Datasheet HTML 456Page - PMC-Sierra, Inc PM5313 Datasheet HTML 457Page - PMC-Sierra, Inc PM5313 Datasheet HTML 458Page - PMC-Sierra, Inc PM5313 Datasheet HTML 459Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
423
EXCFS:
The fixed stuff column BIP-8 exclusion bit (EXCFS) controls the inclusion of
bytes in the fixed stuff columns of the STS-1 (STM-0/AU3) payload carrying
tributaries in path BIP-8 calculations. When EXCFS is set high, the value of
bytes in the fixed stuff columns do not affect the path BIP-8 byte (B3). When
EXCFS is set low, data in the fixed stuff bytes are included in path BIP-8
calculations. This bit must be set low when the TPPS containing the TPOP is
processing an STS-Nc (STM-1/AU4 or STM-4-Xc) stream.
PERSIST:
The path far end receive failure alarm persistence bit (PERSIST) controls the
persistence of the RDI asserted into the transmit stream. When PERSIST is a
logic one, the RDI code inserted into the transmit stream as a result of
consequential actions is asserted for a minimum of 20 frames in non-
enhanced RDI mode, or the last valid RDI code before an idle code (idle
codes are when bits 5,6,7 are 000, 001, or 011) is asserted for 20 frames in
enhanced RDI mode. When PERSIST is logic zero, the transmit RDI code
changes immediately based on received alarm conditions.
PERDISRC:
The path enhanced remote defect indication source (PERDISRC) bit controls
the source of the path enhanced RDI code. When PERDISRC is set high, the
path enhanced RDI code is sourced from internal receive side alarms as
controlled by the SPECTRA-622 RPPS Path REI/RDI Control (#1, #2) and
SPECTRA-622 RPPS Path Enhanced RDI Control (#1, #2) registers. When
PERDISRC is set low, the path enhanced RDI code is sourced from the
TPOP Path Status register.
PERDIEN:
The path enhanced remote defect indication enable (PERDIEN) bit controls
path RDI insertion. When PERDIEN is set high, path enhanced RDI assertion
(bits 5,6,7 of the G1 byte) is enabled while normal path RDI (bit 5 of the G1
byte) and auxiliary path RDI (bit 6 of the G1 byte) are disabled. When
PERDIEN is set low, path enhanced RDI assertion is disabled while normal
path RDI and auxiliary path RDI are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com