Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 458 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 458 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 454Page - PMC-Sierra, Inc PM5313 Datasheet HTML 455Page - PMC-Sierra, Inc PM5313 Datasheet HTML 456Page - PMC-Sierra, Inc PM5313 Datasheet HTML 457Page - PMC-Sierra, Inc PM5313 Datasheet HTML 458Page - PMC-Sierra, Inc PM5313 Datasheet HTML 459Page - PMC-Sierra, Inc PM5313 Datasheet HTML 460Page - PMC-Sierra, Inc PM5313 Datasheet HTML 461Page - PMC-Sierra, Inc PM5313 Datasheet HTML 462Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
426
Register 1155H: TPOP Payload Pointer LSB
Bit
Type
Function
Default
Bit 7
R/W
APTR[7]
0
Bit 6
R/W
APTR[6]
0
Bit 5
R/W
APTR[5]
0
Bit 4
R/W
APTR[4]
0
Bit 3
R/W
APTR[3]
0
Bit 2
R/W
APTR[2]
0
Bit 1
R/W
APTR[1]
0
Bit 0
R/W
APTR[0]
0
Register 1156H: TPOP Payload Pointer MSB
Bit
Type
Function
Default
Bit 7
R/W
NDF[3]
1
Bit 6
R/W
NDF[2]
0
Bit 5
R/W
NDF[1]
0
Bit 4
R/W
NDF[0]
1
Bit 3
R/W
S[1]
1
Bit 2
R/W
S[0]
0
Bit 1
R/W
APTR[9]
0
Bit 0
R/W
APTR[8]
0
APTR[9:0]:
The APTR[9:0] bits are used to set an arbitrary active offset value in the
transmit stream. The arbitrary pointer value is transferred by writing a logic
one to the FTPTR bit in the TPOP Pointer Control Register. A legal value (i.e.
0
≤ pointer value ≤ 782) results in a new pointer in the transmit stream. A
value of greater than 782 has no effect.
S1-S0:
The payload pointer size bits (S[1:0]) are inserted in the S[1:0] bit positions in
the payload pointer in the transmit stream.
NDF[3:0]:
The new data flag bits (NDF[3:0]) are inserted in the NDF bit positions when
the TPOP makes a discontinuous change in active offset or when the NDF bit
in the TPOP Pointer Control register is set to logic one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com