Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 461 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 461 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 457Page - PMC-Sierra, Inc PM5313 Datasheet HTML 458Page - PMC-Sierra, Inc PM5313 Datasheet HTML 459Page - PMC-Sierra, Inc PM5313 Datasheet HTML 460Page - PMC-Sierra, Inc PM5313 Datasheet HTML 461Page - PMC-Sierra, Inc PM5313 Datasheet HTML 462Page - PMC-Sierra, Inc PM5313 Datasheet HTML 463Page - PMC-Sierra, Inc PM5313 Datasheet HTML 464Page - PMC-Sierra, Inc PM5313 Datasheet HTML 465Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
429
Register 1159H: TPOP Path Status
Bit
Type
Function
Default
Bit 7
R/W
PREI[3]
0
Bit 6
R/W
PREI[2]
0
Bit 5
R/W
PREI[1]
0
Bit 4
R/W
PREI[0]
0
Bit 3
R/W
PRDI
0
Bit 2
R/W
PERDI6
0
Bit 1
R/W
PERDI7
0
Bit 0
R/W
G1[0]
0
This register reflects the value inserted in the path status byte (G1) of the
transmit stream.
G1[0]:
The G1[0] bit is inserted in the unused bit positions in the path status byte the
corresponding TPOHEN input is low during the unused bit positions in the
corresponding path overhead input stream, TPOH.
PERDI6, PERDI7:
The PERDI6 and PERDI7 bits control the insertion of the STS path receive
defect indication alarm (PRDI6 and PRDI7, respectively) when PERDIEN is
logic one, and are inserted in the unused bit positions G1[2:1] in the path
status byte when PERDIEN is logic zero, or when the primary input TPOHEN
is low during the unused bit positions in the path overhead input stream,
TPOH. The function is described in the table below.
Table 13
-Transmit RDI control
TPOHEN
PERDIEN
IBER
PERDISRC
Tx G1 bit 5
tx G1 bit 6
tx G1 bit 7
0
0
0
0
PRDI5+Reg[3]
Reg[2]
Reg[1]
0
0
0
1
PRDI5+Reg[3]
Reg[2]
Reg[1]
0
0
1
0
SPE_G1[5]+Reg[3]
Reg[2]
Reg[1]
0
0
1
1
SPE_G1[5]+Reg[3]
Reg[2]
Reg[1]
0
1
0
0
Reg[3]
Reg[2]
Reg[1]
0
1
0
1
PRDI5
PRDI6
PRDI7
0
1
1
0
SPE_G1[5]
SPE_G1[6]
SPE_G1[7]
0
1
1
1
SPE_G1[5]
SPE_G1[6]
SPE_G1[7]
1
0
0
0
TPOH_G1[5]
TPOH_G1[6]
TPOH_G1[7]
1
0
0
1
TPOH_G1[5]
TPOH_G1[6]
TPOH_G1[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com