Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 462 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 462 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 458Page - PMC-Sierra, Inc PM5313 Datasheet HTML 459Page - PMC-Sierra, Inc PM5313 Datasheet HTML 460Page - PMC-Sierra, Inc PM5313 Datasheet HTML 461Page - PMC-Sierra, Inc PM5313 Datasheet HTML 462Page - PMC-Sierra, Inc PM5313 Datasheet HTML 463Page - PMC-Sierra, Inc PM5313 Datasheet HTML 464Page - PMC-Sierra, Inc PM5313 Datasheet HTML 465Page - PMC-Sierra, Inc PM5313 Datasheet HTML 466Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
430
1
0
1
0
TPOH_G1[5]
TPOH_G1[6]
TPOH_G1[7]
1
0
1
1
TPOH_G1[5]
TPOH_G1[6]
TPOH_G1[7]
1
1
0
0
Reg[3]
Reg[2]
Reg[1]
1
1
0
1
PRDI5
PRDI6
PRDI7
1
1
1
0
SPE_G1[5]
SPE_G1[6]
SPE_G1[7]
1
1
1
1
SPE_G1[5]
SPE_G1[6]
SPE_G1[7]
Table 31 Notes:
1.
IBER = 1 when inband reporting is enabled. Inband error reporting is enabled when RXSEL[1:0] =
”10” in the SPECTRA-622 TPPS Configuration register (bits 7:6).
2.
SPE_G1[7:5] = bits 7 through 5 of the G1 byte on the ADD bus
3.
PRDI7, PRDI6, PRDI5 = bits 7 through 5 of the G1 byte from the associated RPOP or the transmit
alarm port of the SPECTRA-622
4.
Reg[3:1] = PRDI, PERDI6, PERDI7 register bit values, respectively
5.
TPOH_G1[7:5] = the TPOH port values during the time slots reserved for bits 7 through 5 of the G1
byte
PRDI:
The PRDI bit controls the insertion of the STS path receive defect indication
alarm. The function is described in the table above. This bit has no effect
when the primary input TPOHEN is high during the path PRDI alarm bit
position in the path overhead input stream, TPOH, in which case the value to
taken from TPOH.
PREI[3:0]:
The path remote error indication count (PREI[3:0]) is inserted in the path REI
bit positions in the path status byte when the corresponding TPOHEN input is
low during the path status REI bit positions in the corresponding path
overhead input stream, TPOH. The value contained in PREI[3:0] is cleared
after being inserted in the path status byte. Any non-zero PREI[3:0] value
overwrites the value that would normally have been inserted based on the
number of PREIs accumulated from the BIP-8 errors detected by the
companion RPOP in the SPECTRA-622 during the last frame. When reading
this register, a non-zero value in these bit positions indicates that the insertion
of this value is still pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com