Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 460 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 460 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 456Page - PMC-Sierra, Inc PM5313 Datasheet HTML 457Page - PMC-Sierra, Inc PM5313 Datasheet HTML 458Page - PMC-Sierra, Inc PM5313 Datasheet HTML 459Page - PMC-Sierra, Inc PM5313 Datasheet HTML 460Page - PMC-Sierra, Inc PM5313 Datasheet HTML 461Page - PMC-Sierra, Inc PM5313 Datasheet HTML 462Page - PMC-Sierra, Inc PM5313 Datasheet HTML 463Page - PMC-Sierra, Inc PM5313 Datasheet HTML 464Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
428
Register 1158H: TPOP Path Signal Label
Bit
Type
Function
Default
Bit 7
R/W
C2[7]
0
Bit 6
R/W
C2[6]
0
Bit 5
R/W
C2[5]
0
Bit 4
R/W
C2[4]
0
Bit 3
R/W
C2[3]
0
Bit 2
R/W
C2[2]
0
Bit 1
R/W
C2[1]
0
Bit 0
R/W
C2[0]
1
This register contains the value to be inserted in the path signal label byte (C2) of
the transmit stream.
C2[7:0]:
The C2[7:0] bits are inserted in the C2 byte position in the transmit stream
when the corresponding TPOHEN input is low during the path signal label bit
positions in the path overhead input stream, TPOH. Upon reset, the register
value defaults to 01H, which represents “Equipped – Non Specific Payload.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com