Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 456 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 456 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 452Page - PMC-Sierra, Inc PM5313 Datasheet HTML 453Page - PMC-Sierra, Inc PM5313 Datasheet HTML 454Page - PMC-Sierra, Inc PM5313 Datasheet HTML 455Page - PMC-Sierra, Inc PM5313 Datasheet HTML 456Page - PMC-Sierra, Inc PM5313 Datasheet HTML 457Page - PMC-Sierra, Inc PM5313 Datasheet HTML 458Page - PMC-Sierra, Inc PM5313 Datasheet HTML 459Page - PMC-Sierra, Inc PM5313 Datasheet HTML 460Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
424
Register 1151H: TPOP Pointer Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
FTPTR
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
NDF
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
This register controls the pointer generation in the transmit stream.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
NDF:
The NDF insert bit (NDF) controls the insertion of new data flags in the
payload pointer. When a logic one is written to this bit, the pattern contained
in the NDF[3:0] bits in the TPOP Payload Pointer MSB register is inserted
continuously in the payload pointer of the transmit stream. When a logic zero
is written to this bit, the normal pattern (‘b0110) is inserted in the payload
pointer.
FTPTR:
The force transmit pointer bit (FTPTR) enables the insertion of the pointer
value contained in the Arbitrary Pointer Registers into the transmit stream for
diagnostic purposes. This allows upstream payload mapping circuitry to
continue functioning normally and a valid SPE to continue to be generated. If
FTPTR is set to logic 1, the APTR[9:0] bits of the TPOP Payload Pointer
Registers are inserted into the H1 and H2 bytes of the transmit stream. When
FTPTR is set and immediately reset at least one Arbitrary Pointer substitution
is guaranteed to be sent . If FTPTR is a logic 0, a valid pointer is inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com