Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 466 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 466 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 462Page - PMC-Sierra, Inc PM5313 Datasheet HTML 463Page - PMC-Sierra, Inc PM5313 Datasheet HTML 464Page - PMC-Sierra, Inc PM5313 Datasheet HTML 465Page - PMC-Sierra, Inc PM5313 Datasheet HTML 466Page - PMC-Sierra, Inc PM5313 Datasheet HTML 467Page - PMC-Sierra, Inc PM5313 Datasheet HTML 468Page - PMC-Sierra, Inc PM5313 Datasheet HTML 469Page - PMC-Sierra, Inc PM5313 Datasheet HTML 470Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
434
Register 115DH: TPOP Tandem Connection Maintenance
Bit
Type
Function
Default
Bit 7
R/W
Z5[7]
0
Bit 6
R/W
Z5[6]
0
Bit 5
R/W
Z5[5]
0
Bit 4
R/W
Z5[4]
0
Bit 3
R/W
Z5[3]
0
Bit 2
R/W
Z5[2]
0
Bit 1
R/W
Z5[1]
0
Bit 0
R/W
Z5[0]
0
This register contains the value to be inserted in the tandem connection
maintenance byte (Z5) of the transmit stream.
Z50-Z57:
The Z5[7:0] bits are inserted in the Z5 byte position in the transmit stream
when the corresponding TPOHEN input is low during the tandem connection
maintenance byte positions in the corresponding path overhead input stream,
TPOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com