Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 467 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 467 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 463Page - PMC-Sierra, Inc PM5313 Datasheet HTML 464Page - PMC-Sierra, Inc PM5313 Datasheet HTML 465Page - PMC-Sierra, Inc PM5313 Datasheet HTML 466Page - PMC-Sierra, Inc PM5313 Datasheet HTML 467Page - PMC-Sierra, Inc PM5313 Datasheet HTML 468Page - PMC-Sierra, Inc PM5313 Datasheet HTML 469Page - PMC-Sierra, Inc PM5313 Datasheet HTML 470Page - PMC-Sierra, Inc PM5313 Datasheet HTML 471Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
435
Register 1180H: TTAL Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
H4BYP
0
Bit 5
R/W
CLRFS
0
Bit 4
R/W
Reserved_High
1
Bit 3
R/W
Reserved
0
Bit 2
R/W
ESEE
0
Bit 1
R/W
PJEE
0
Bit 0
R/W
Reserved
0
This register allows the operation of the Transmit Telecombus Aligner to be
configured.
Reserved_High:
The Reserved_High bits must be set high for proper operation of the
SPECTRA-622.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PJEE:
The pointer justification event interrupt enable bit (PJEE) controls the
activation of the interrupt output when a pointer justification is inserted in the
transmit stream. When PJEE is set high, insertion of pointer justification
events in the transmit stream will activate the interrupt (INTB) output. When
PJEE is set low, insertion of pointer justification events in the transmit stream
will not affect INTB.
ESEE:
The elastic store error interrupt enable bit (ESEE) controls the activation of
the interrupt output when a FIFO underflow or overflow has been detected in
the elastic store . When ESEE is set high, FIFO flow error events will affect
the interrupt (INTB) output. When ESEE is set low, FIFO flow error events will
not affect INTB.
CLRFS:
The clear fixed stuff column bit (CLRFS) enables the setting of the fixed stuff
columns in virtual tributary (low order tributary) mappings to zero. When a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com