Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 471 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 471 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 467Page - PMC-Sierra, Inc PM5313 Datasheet HTML 468Page - PMC-Sierra, Inc PM5313 Datasheet HTML 469Page - PMC-Sierra, Inc PM5313 Datasheet HTML 470Page - PMC-Sierra, Inc PM5313 Datasheet HTML 471Page - PMC-Sierra, Inc PM5313 Datasheet HTML 472Page - PMC-Sierra, Inc PM5313 Datasheet HTML 473Page - PMC-Sierra, Inc PM5313 Datasheet HTML 474Page - PMC-Sierra, Inc PM5313 Datasheet HTML 475Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
439
Register 1182H: TTAL Alarm and Diagnostic Control
Bit
Type
Function
Default
Bit 7
R
Reserved
X
Bit 6
R
Reserved
X
Bit 5
R/W
Reserved
0
Bit 4
R/W
ITUAIS
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
ESAIS
0
Bit 0
R/W
DH4
0
This register controls the tributary format on the transmit stream.
Reserved:
The Reserved bit must be set low for correct operation of the SPECTRA-622.
DH4:
The diagnose multiframe indicator enable bit (DH4) controls the inversion of
the multiframe indicator (H4) byte in the TRANSMIT stream. This bit may be
used to cause an out of multiframe alarm in downstream circuitry when the
SPE (VC) is used to carry virtual tributary (VT) or tributary unit (TU) based
payloads. When a logic 0 is written to this bit position, the H4 byte is
unmodified. When a logic 1 is written to this bit position, the H4 byte is
inverted.
ESAIS:
The elastic store error path AIS insertion enable bit (ESAIS) controls the
insertion of path AIS in the transmit stream when a FIFO underflow or
overflow has been detected in the elastic store . When ESAIS is set high,
detection of FIFO flow error will cause path AIS to be inserted in the transmit
stream for three frames. When ESAIS is set low, path AIS is not inserted as a
result of FIFO errors.
ITUAIS:
The insert tributary path AIS bits controls the insertion of Tributary Path AIS in
the transmit stream when transmitting VT11 (TU11), VT12 (TU12) and VT2
(TU2) payloads. When ITUAIS is set high, columns in the transmit stream
carrying tributary traffic are set to all ones. The pointer bytes (H1, H2, and
H3), the path overhead column, and the fixed stuff columns are unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com