Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 469 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 469 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 465Page - PMC-Sierra, Inc PM5313 Datasheet HTML 466Page - PMC-Sierra, Inc PM5313 Datasheet HTML 467Page - PMC-Sierra, Inc PM5313 Datasheet HTML 468Page - PMC-Sierra, Inc PM5313 Datasheet HTML 469Page - PMC-Sierra, Inc PM5313 Datasheet HTML 470Page - PMC-Sierra, Inc PM5313 Datasheet HTML 471Page - PMC-Sierra, Inc PM5313 Datasheet HTML 472Page - PMC-Sierra, Inc PM5313 Datasheet HTML 473Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
437
Register 1181H: TTAL Interrupt Status and Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
ESD[1]
1
Bit 4
R/W
ESD[0]
0
Bit 3
R
ESEI
X
Bit 2
R
PPJI
X
Bit 1
R
NPJI
X
Bit 0
R/W
Reserved
0
This register allows the control of the transmit stream and sensing of interrupt
status.
The interrupt bits (and the interrupt) are cleared when this register is read.
Reserved:
The Reserved bit must be set low for correct operation of the SPECTRA-622.
NPJI:
The transmit stream negative pointer justification interrupt status bit (NPJI) is
set high when the TTAL inserts a negative pointer justification event in the
transmit stream.
PPJI:
The transmit stream positive pointer justification interrupt status bit (PPJI) is
set high when the TTAL inserts a positive pointer justification event in the
transmit stream.
ESEI:
The ADD bus elastic store error interrupt status bit (ESEI) is set high when the
FIFO in TTAL underflows or overflows. This will cause the TTAL to reset itself.
It can thus lose the J1, and go out of AIS for a short period of time if it was in
AIS state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com