Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 445 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 445 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 441Page - PMC-Sierra, Inc PM5313 Datasheet HTML 442Page - PMC-Sierra, Inc PM5313 Datasheet HTML 443Page - PMC-Sierra, Inc PM5313 Datasheet HTML 444Page - PMC-Sierra, Inc PM5313 Datasheet HTML 445Page - PMC-Sierra, Inc PM5313 Datasheet HTML 446Page - PMC-Sierra, Inc PM5313 Datasheet HTML 447Page - PMC-Sierra, Inc PM5313 Datasheet HTML 448Page - PMC-Sierra, Inc PM5313 Datasheet HTML 449Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
413
Register 1108H: SPECTRA-622 TPPS DS3 Activity Monitor
Bit
Type
Function
Default
Bit 7
R
DS3TDATA
X
Bit 6
R
DS3TICLKA
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
Unused
X
This register provides activity monitoring on SPECTRA-622 system ADD side
DS3 clock and data inputs. When a monitored input makes a low to high
transition, the corresponding register bit is set high. The bit will remain high until
this register is read, at which point, all the bits in this register are cleared. A lack
of transitions is indicated by the corresponding register bit reading low. This
register should be read periodically to detect stuck at conditions.
DS3TICLKA:
The DS3TICLK active (DS3TICLKA) bit monitors for low to high transitions on
the DS3TICLK input for the TPPS. DS3TICLKA is set high on a rising edge of
the DS3TICLKA input, and is set low when this register is read.
DS3TDATA:
The DS3TDAT active (DS3TDATA) bit monitors for low to high transitions on
the sampled DS3TDAT input for the TPPS. The DS3TDAT input is sampled by
the corresponding DS3TICLK before being monitored for transitions.
DS3TDATA is set high on a rising edge of the sampled DS3TDAT input, and is
set low when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com