Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 441 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 441 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 437Page - PMC-Sierra, Inc PM5313 Datasheet HTML 438Page - PMC-Sierra, Inc PM5313 Datasheet HTML 439Page - PMC-Sierra, Inc PM5313 Datasheet HTML 440Page - PMC-Sierra, Inc PM5313 Datasheet HTML 441Page - PMC-Sierra, Inc PM5313 Datasheet HTML 442Page - PMC-Sierra, Inc PM5313 Datasheet HTML 443Page - PMC-Sierra, Inc PM5313 Datasheet HTML 444Page - PMC-Sierra, Inc PM5313 Datasheet HTML 445Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
409
Register 1102H: SPECTRA-622 TPPS Path and DS3 Configuration
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
DISJ1V1
0
Bit 1
R/W
DS3ADDSEL
0
Bit 0
R/W
DS3TICLKB
0
This register allows the operational mode of the SPECTRA-622 TPPS Path and
DS3 functions to be configured. These register bits should normally be set low
when the TPPS is configured as a slave unless indicated otherwise.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
DS3TICLKB:
The DS3 TICLK invert (DS3TICLKB) bit controls the edge of DS3TICLK used
to sample DS3TDAT when DS3ADDSEL bit is set high. When DS3TICLKB is
set low, DS3TDAT are sampled on the rising edge of DS3TICLK. When
DS3TICLKB is set high, DS3TDAT is sampled on the falling edge of
DS3TICLK.
DS3ADDSEL:
The DS3 ADD bus stream select (DS3ADDSEL) bit controls the selection
between the Telecom ADD bus stream or the DS3 ADD interface stream for
transmission in the corresponding STS-1 (STM-0/AU3) or equivalent stream.
When DS3ADDSEL is set low, the Telecom ADD bus stream is selected for
transmission, the DS3MA is held in reset and non-functional. When
DS3ADDSEL is set high, the DS3 ADD bus stream is selected for
transmission. When set high the TPIP, APGM and TTAL blocks are held in
reset and non-functional. A mix of Telecom bus and DS3 interface is not
supported in bypass mode; all slices need to be programmed the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com