Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 447 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 447 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 443Page - PMC-Sierra, Inc PM5313 Datasheet HTML 444Page - PMC-Sierra, Inc PM5313 Datasheet HTML 445Page - PMC-Sierra, Inc PM5313 Datasheet HTML 446Page - PMC-Sierra, Inc PM5313 Datasheet HTML 447Page - PMC-Sierra, Inc PM5313 Datasheet HTML 448Page - PMC-Sierra, Inc PM5313 Datasheet HTML 449Page - PMC-Sierra, Inc PM5313 Datasheet HTML 450Page - PMC-Sierra, Inc PM5313 Datasheet HTML 451Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
415
TPAIS_EN:
When set high, the TPAIS_EN bit enables path AIS insertion into the transmit
stream via the corresponding time-slot of the TPAIS input signal. When
TPAIS_EN is set low, the TPAIS input signal have no effect on the transmit
stream.
LOPPAIS:
When set high, the LOPPAIS bit enables path AIS insertion on the transmit
stream when loss of pointer (LOP) events are detected on the ADD bus.
When LOPPAIS is set low, loss of pointer events have no effect on the
transmit stream.
LOMTUAIS:
When set high, the LOMTUAIS bit enables tributary path AIS insertion on the
transmit stream when loss of multiframe (LOM) events are detected on the
ADD bus. The path overhead (POH), the fixed stuff, and the pointer bytes
(H1, H2) are unaffected. When LOMTUAIS is set low, loss of multiframe
events have no effect on the transmit stream. LOMTUAIS must be set low
when transmitting VT3 (TU3) payloads because the loss of multiframe
condition does not exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com