Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 476 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 476 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 472Page - PMC-Sierra, Inc PM5313 Datasheet HTML 473Page - PMC-Sierra, Inc PM5313 Datasheet HTML 474Page - PMC-Sierra, Inc PM5313 Datasheet HTML 475Page - PMC-Sierra, Inc PM5313 Datasheet HTML 476Page - PMC-Sierra, Inc PM5313 Datasheet HTML 477Page - PMC-Sierra, Inc PM5313 Datasheet HTML 478Page - PMC-Sierra, Inc PM5313 Datasheet HTML 479Page - PMC-Sierra, Inc PM5313 Datasheet HTML 480Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
444
Register 1191H: TPIP Alarm Interrupt Status (EXTD=0)
Bit
Type
Function
Default
Bit 7
R
Reserved
X
Bit 6
R
AU3LOPCONI
X
Bit 5
R
LOPI
X
Bit 4
R
AU3PAISCONI
X
Bit 3
R
PAISI
X
Bit 2
R
Reserved
X
Bit 1
R
Reserved
X
Bit 0
R
PREII
X
This register allows identification and acknowledgment of path level alarm and
error event interrupts when the EXTD bit is set low in the TPIP Pointer MSB
register.
These bits (and the interrupt) are cleared when the Interrupt Status Register is
read.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PREII
The PREI interrupt status bit (PREII) is set high when a path REI is detected.
Only valid in master slices.
PAISI:
The PAISI interrupt status bit is set high on assertion and removal of the
corresponding path alarm indication signal status. Only valid in master slices.
AU3PAISCONI:
The AU3PAISCONI interrupt status bit is set high on assertion and removal of
the corresponding AU3 path alarm indication signal concatenation status.
Only valid in slave slices.
LOPI:
The LOPI interrupt status bit is set high on assertion and removal of the
corresponding loss of pointer status. Only valid in master slices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com