Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 478 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 478 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 474Page - PMC-Sierra, Inc PM5313 Datasheet HTML 475Page - PMC-Sierra, Inc PM5313 Datasheet HTML 476Page - PMC-Sierra, Inc PM5313 Datasheet HTML 477Page - PMC-Sierra, Inc PM5313 Datasheet HTML 478Page - PMC-Sierra, Inc PM5313 Datasheet HTML 479Page - PMC-Sierra, Inc PM5313 Datasheet HTML 480Page - PMC-Sierra, Inc PM5313 Datasheet HTML 481Page - PMC-Sierra, Inc PM5313 Datasheet HTML 482Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
446
Register 1192H: TPIP Pointer Interrupt Status
Bit
Type
Function
Default
Bit 7
R
ILLJREQI
X
Bit 6
R
CONCATI
X
Bit 5
R
DISCOPAI
X
Bit 4
R
INVNDFI
X
Bit 3
R
Reserved
X
Bit 2
R
NSEI
X
Bit 1
R
PSEI
X
Bit 0
R
NDFI
X
This register allows identification and acknowledgment of pointer event
interrupts.
These bits (and the interrupt) are cleared when this register is read.
Reserved:
The Reserved bits are interrupt status bits and must be ignored when this
register is read.
NDFI:
The NDF enabled indication interrupt status bit (NDFI) is set high when one of
the NDF enable patterns is observed in the receive stream. Only valid in
master slices.
PSEI, NSEI:
The positive and negative justification event interrupt status bits (PSEI, NSEI)
are set high when the TPIP block responds to an inc_ind or dec_ind
indication, respectively, in the receive stream. Only valid in master slices.
INVNDFI:
The invalid NDF interrupt status bit (NDFI) is set high when an invalid NDF
code is observed on the receive stream. Only valid in master slices.
DISCOPAI:
The discontinuous pointer change interrupt status bit (DISCOPAI) is set high
when the TPIP active offset is changed due to receiving the same valid
pointer for three consecutive frames (3 x eq_new_point indication). Only valid
in master slices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com