Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 482 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 482 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 478Page - PMC-Sierra, Inc PM5313 Datasheet HTML 479Page - PMC-Sierra, Inc PM5313 Datasheet HTML 480Page - PMC-Sierra, Inc PM5313 Datasheet HTML 481Page - PMC-Sierra, Inc PM5313 Datasheet HTML 482Page - PMC-Sierra, Inc PM5313 Datasheet HTML 483Page - PMC-Sierra, Inc PM5313 Datasheet HTML 484Page - PMC-Sierra, Inc PM5313 Datasheet HTML 485Page - PMC-Sierra, Inc PM5313 Datasheet HTML 486Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
450
Register 1194H: TPIP Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
ILLJREQE
0
Bit 6
R/W
CONCATE
0
Bit 5
R/W
DISCOPAE
0
Bit 4
R/W
INVNDFE
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
NSEE
0
Bit 1
R/W
PSEE
0
Bit 0
R/W
NDFE
0
This register allows interrupt generation to be enabled or disabled for pointer
events.
Reserved
The Reserved bits must be set to 0 for proper operation of the SPECTRA-622
NDFE:
When a 1 is written to the NDFE interrupt enable bit position, the detection of
an NDF_enable indication will activate the interrupt (INTB) output. Must only
be set in master slices.
PSEE:
When a 1 is written to the PSEE interrupt enable bit position, a positive
pointer adjustment event will activate the interrupt (INTB) output. Must only be
set in master slices.
NSEE:
When a 1 is written to the NSEE interrupt enable bit position, a negative
pointer adjustment event will activate the interrupt (INTB) output. Must only be
set in master slices.
INVNDFE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com