Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 485 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 485 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 481Page - PMC-Sierra, Inc PM5313 Datasheet HTML 482Page - PMC-Sierra, Inc PM5313 Datasheet HTML 483Page - PMC-Sierra, Inc PM5313 Datasheet HTML 484Page - PMC-Sierra, Inc PM5313 Datasheet HTML 485Page - PMC-Sierra, Inc PM5313 Datasheet HTML 486Page - PMC-Sierra, Inc PM5313 Datasheet HTML 487Page - PMC-Sierra, Inc PM5313 Datasheet HTML 488Page - PMC-Sierra, Inc PM5313 Datasheet HTML 489Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
453
Register 1196H: TPIP Pointer MSB
Bit
Type
Function
Default
Bit 7
R/W
NDFPOR
0
Bit 6
R/W
EXTD
0
Bit 5
R/W
Reserved1
0
Bit 4
R
CONCAT
X
Bit 3
R
S1
X
Bit 2
R
S0
X
Bit 1
R
PTR[9]
X
Bit 0
R
PTR[8]
X
This register reports the upper two bits of the active offset, the SS bits in the
receive pointer.
PTR[9:8]:
The PTR[9:8] bits contain the two MSBs of the current pointer value as
derived from the H1 and H2 bytes. Thus, to ensure reading a valid pointer, the
NDFI, NSEI and PSEI bits of the Pointer Interrupt Status register should be
read before and after reading this register to ensure that the pointer value did
not changed during the register read.
S0, S1:
The S0 and S1 bits contain the two S bits received in the last H1 byte. These
bits should be software debounced.
CONCAT:
The CONCAT bit is set high if the H1, H2 pointer byte received matches the
concatenation indication (one of the five NDF_enable patterns in the NDF
field, don’t care in the size field, and all-ones in the pointer offset field).
Reserved1:
The Reserved1 bit is a status bit and must be ignored when this register is
read.
EXTD:
The EXTD bit extends the TPIP registers to facilitate additional mapping. If
this bit is set to logic 1 the register mapping, for the TPIP Status and Control
register, the TPIP Alarm Interrupt Status register and the TPIP Alarm Interrupt
Enable registers are extended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com