Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 489 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 489 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 485Page - PMC-Sierra, Inc PM5313 Datasheet HTML 486Page - PMC-Sierra, Inc PM5313 Datasheet HTML 487Page - PMC-Sierra, Inc PM5313 Datasheet HTML 488Page - PMC-Sierra, Inc PM5313 Datasheet HTML 489Page - PMC-Sierra, Inc PM5313 Datasheet HTML 490Page - PMC-Sierra, Inc PM5313 Datasheet HTML 491Page - PMC-Sierra, Inc PM5313 Datasheet HTML 492Page - PMC-Sierra, Inc PM5313 Datasheet HTML 493Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
457
Register 11B0H: D3MA Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
RBSO
0
Bit 0
R/W
DS3AISGEN
0
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
DS3AISGEN:
The active high DS3 Alarm Indication Signal enable bit (DS3AISGEN)
configures the D3MA to generate a DS3 AIS signal. Any data on the STS-1
(STM-0/AU3) SPE is lost due to the assertion of DS3AISGEN. DS3AISGEN
bit is logically ORed with the corresponding time-slot of the TPAIS input.
RBSO:
When RBSO is high, the R bits of the DS3 mapping or the STS-1
(STM-0/AU3) mapping are set to ‘1’s. If RBSO bit is Low, R bits are set to ‘0’s.
This bit is valid for both Serial DS3 and Serial Data Mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com