Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 492 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 492 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 488Page - PMC-Sierra, Inc PM5313 Datasheet HTML 489Page - PMC-Sierra, Inc PM5313 Datasheet HTML 490Page - PMC-Sierra, Inc PM5313 Datasheet HTML 491Page - PMC-Sierra, Inc PM5313 Datasheet HTML 492Page - PMC-Sierra, Inc PM5313 Datasheet HTML 493Page - PMC-Sierra, Inc PM5313 Datasheet HTML 494Page - PMC-Sierra, Inc PM5313 Datasheet HTML 495Page - PMC-Sierra, Inc PM5313 Datasheet HTML 496Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
460
Register 11D0H: APGM Generator Control #1
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
GEN_INV_PRBS
0
Bit 5
R/W
GEN_AUTO
0
Bit 4
R/W
GEN_FERR
0
Bit 3
R/W
GEN_SIGE
0
Bit 2
R/W
GEN_FSENB
0
Bit 1
R/W
GEN_REGEN
0
Bit 0
R/W
GEN_EN
0
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
GEN_EN:
The Generator Enable (GEN_EN) bit enables the insertion of a pseudo
random bit sequence (PRBS) into the Transmit payload. When GEN_EN is
set high, the PRBS bytes will overwrite the processed payload data. When
GEN_EN is set low, the incoming payload is unaltered. This bit has not effect
in Autonomous Input Mode. This mode can not be used in the STS-12c
configuration when in ATMODE (19 MHz clock).
GEN_REGEN:
The Generator Regenerate (GEN_REGEN) bit can be used to re-initialize the
generator LFSR and begin regenerating the pseudo random bit sequence
(PRBS) from the known reset state. The LFSR reset state is dependent on
the set sequence number. Setting this bit in a master generator will
automatically force all slaves to reset at the same time. This bit will clear itself
when the operation is complete. Upon a frame realignment on the ADD BUS
#1 (AC1J1V1_AFP[1]) the Generators must be regenerated.
GEN_FSENB:
The Generator Fixed Stuff Enable (GEN_FSENB) bit determines whether the
pseudo random bit sequence (PRBS) is inserted into the (STS-1/STM0) fixed
stuff bytes of the processed payload. When set to logic one, the PRBS is not
inserted into the fixed stuff bytes and the bytes are outputted unaltered.
When set to logic zero, the PRBS is inserted into the fixed stuff bytes. The
Fixed stuff columns are columns 30 and 59 of the STS-1 payload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com