Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 490 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 490 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 486Page - PMC-Sierra, Inc PM5313 Datasheet HTML 487Page - PMC-Sierra, Inc PM5313 Datasheet HTML 488Page - PMC-Sierra, Inc PM5313 Datasheet HTML 489Page - PMC-Sierra, Inc PM5313 Datasheet HTML 490Page - PMC-Sierra, Inc PM5313 Datasheet HTML 491Page - PMC-Sierra, Inc PM5313 Datasheet HTML 492Page - PMC-Sierra, Inc PM5313 Datasheet HTML 493Page - PMC-Sierra, Inc PM5313 Datasheet HTML 494Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
458
Register 11B1H: D3MA Interrupt Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
OFLI
0
Bit 0
R
UFLI
0
The OFLI and UFLI bits and the interrupt are cleared when this register is read
by the microprocessor interface.
UFLI
When set High, this bit indicates that an underflow condition has occurred in
the D3MA elastic store. This error resets the elastic store’s read and write
addresses to 180° apart.
OFLI
When set High, this bit indicates that an overflow condition has occurred in
the D3MA elastic store. This error resets the elastic store’s read and write
addresses to 180° apart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com