Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 493 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 493 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 489Page - PMC-Sierra, Inc PM5313 Datasheet HTML 490Page - PMC-Sierra, Inc PM5313 Datasheet HTML 491Page - PMC-Sierra, Inc PM5313 Datasheet HTML 492Page - PMC-Sierra, Inc PM5313 Datasheet HTML 493Page - PMC-Sierra, Inc PM5313 Datasheet HTML 494Page - PMC-Sierra, Inc PM5313 Datasheet HTML 495Page - PMC-Sierra, Inc PM5313 Datasheet HTML 496Page - PMC-Sierra, Inc PM5313 Datasheet HTML 497Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
461
GEN_FSEN should be disabled when using the generator in master/slave
configuration to support de-multiplexed concatenated payloads..
GEN_SIGE:
The Generator Signature Interrupt Enable (GEN_SIGE) bit allows an interrupt
to be asserted on INT when a signature verification mismatch occurs. When
GEN_SIGE is set high, a change in the signature verification state
(GEN_SIGV) will trigger an interrupt. When GEN_SIGE is set low, no interrupt
will be asserted.
GEN_FERR:
The Generator Force Error (GEN_FERR) bit is used to force bit errors in the
inserted pseudo random bit sequence (PRBS). When logic one is written to
this bit, the MSB of the PRBS byte will be inverted, inducing a single bit error.
The register bit will clear itself when the operation is complete.
A second forced error must not be attempted for at least three GCLK clock
cycles after this bit has been read back to ‘0’.
GEN_AUTO:
The Generator Autonomous Mode (GEN_AUTO) bit places the Generator in
the Autonomous Input Mode. In this mode the payload frame is forced to an
active offset of zero. The generated frame will have all zeros TOH and POH
bytes. The H1, H2 pointer bytes are set to indicate an active SPE/VC offset of
zero and the payload will be filled with a PRBS. When a logic zero is written to
this bit, the active offset is determined by the received stream. The
autonomous mode can not be used in the STS-12c configuration when in
ATMODE (19 MHz clock).
When all 12 slices are in autonomous mode, and only then, the ATSI bits in
the ADD Bus Configuration register (1030H) can be used for situations where
the ADD bus does not provide a valid frame pulse.
GEN_INV_PRBS:
The Generator Invert PRBS (GEN_INV_PRBS) bit is used to invert the
calculated PRBS byte before insertion into the payload. Setting this bit to logic
1 enables the logic inversion of all PRBS bits before insertion into the
payload. Setting this bit to logic 0 does not invert the generated PRBS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com