Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 497 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 497 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 493Page - PMC-Sierra, Inc PM5313 Datasheet HTML 494Page - PMC-Sierra, Inc PM5313 Datasheet HTML 495Page - PMC-Sierra, Inc PM5313 Datasheet HTML 496Page - PMC-Sierra, Inc PM5313 Datasheet HTML 497Page - PMC-Sierra, Inc PM5313 Datasheet HTML 498Page - PMC-Sierra, Inc PM5313 Datasheet HTML 499Page - PMC-Sierra, Inc PM5313 Datasheet HTML 500Page - PMC-Sierra, Inc PM5313 Datasheet HTML 501Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
465
Register 11D3H: APGM Generator Status
Bit
Type
Function
Default
Bit 7
R
Unused
X
Bit 6
R
Unused
X
Bit 5
R
Unused
X
Bit 4
R
Unused
X
Bit 3
R
Unused
X
Bit 2
R
Unused
X
Bit 1
R
GEN_SIGI
X
Bit 0
R
GEN_SIGV
X
GEN_SIGV:
The Generator Signature Status (GEN_SIGV) bit indicates if the partial
pseudo random sequence (PRBS) begin generated is correctly aligned with
the partial PRBS begin generated in the master generator. When GEN_SIGV
is low, the signature verification is a match, and the partial PRBS is aligned
with that of the master. When GEN_SIGV is high, the signature verification is
a mismatch, and the partial PRBS is not aligned with that of the master.
If non-alignment persists, a forced re-start of the sequence generation by all
generators processing the concatenated stream should be initiated using the
GEN_REGEN register bit in the master generator. This bit is only valid in
slave generators and when out of alignment may toggle high and low.
Persistent reads at low or reading the interrupt at low assures that the
signature is correct.
.
GEN_SIGI:
The Generator Signature Interrupt Status (GEN_SIGI) bit indicates a change
in the signature verification state (GEN_SIGV) by a slave generator. When
GEN_SIGI is set high, the slave generator has either transition from the
signature match state to the signature mismatch state or vice versa. This bit is
cleared when this register is read. This bit will continuously be set when in the
out of alignment state since the status GEN_SIGV will toggle. This bit is only
valid in slave generators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com