Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 498 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 498 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 494Page - PMC-Sierra, Inc PM5313 Datasheet HTML 495Page - PMC-Sierra, Inc PM5313 Datasheet HTML 496Page - PMC-Sierra, Inc PM5313 Datasheet HTML 497Page - PMC-Sierra, Inc PM5313 Datasheet HTML 498Page - PMC-Sierra, Inc PM5313 Datasheet HTML 499Page - PMC-Sierra, Inc PM5313 Datasheet HTML 500Page - PMC-Sierra, Inc PM5313 Datasheet HTML 501Page - PMC-Sierra, Inc PM5313 Datasheet HTML 502Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
466
Register 11D8H: APGM Monitor Control #1
Bit
Type
Function
Default
Bit 7
R/W
MON_AUTORESYNC
1
Bit 6
R/W
MON_INV_PRBS
0
Bit 5
R/W
MON_SYNCE
X
Bit 4
R/W
MON_ERRE
0
Bit 3
R/W
MON_FSENB
0
Bit 2
R/W
MON_SIGE
0
Bit 1
R/W
MONM_RESYNC
0
Bit 0
R/W
MON_EN
0
MON_EN:
The Monitor Enable (MON_EN) bit enables the monitoring of a pseudo
random bit sequence (PRBS) in the processed payload. When MON_EN is
set high, the incoming payload is extracted and the data monitored for the
PRBS. When MON_EN is set low, no monitoring on the data is done.
MON_RESYNC:
The Monitor Resynchronize (MON_RESYNC) bit allows a forced
resynchronization of the monitor to the incoming pseudo random bit sequence
(PRBS). When set to logic one, the monitor’s will go out of synchronization
and begin re-synchronizing the to the incoming PRBS payload. Setting this bit
in a master monitor will automatically force all slaves to re-synchronize at the
same time. This register bit will clear itself when the re-synchronizing has
been triggered.
MON_FSENB:
The Monitor Fixed Stuff Enable (MON_FSENB) bit determines whether a
PRBS is monitored for in the fixed stuff columns (columns 30 and 59) of the
processed payload. When logic one is written to this bit, the PRBS is not
monitored for in the fixed stuff columns. When a logic zero is written to this bit,
the PRBS is monitored for in the fixed stuff columns. MON_FSENB should be
disabled when using the monitor in master/slave configuration to support de-
multiplexed concatenated payloads.
MON_SIGE:
The Monitor Signature Interrupt Enable (MON_SIGE) bit allows an interrupt to
be asserted on INT when a signature verification mismatch occurs. When
MON_SIGE is set high, a change in the signature verification state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com