Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 495 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 495 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 491Page - PMC-Sierra, Inc PM5313 Datasheet HTML 492Page - PMC-Sierra, Inc PM5313 Datasheet HTML 493Page - PMC-Sierra, Inc PM5313 Datasheet HTML 494Page - PMC-Sierra, Inc PM5313 Datasheet HTML 495Page - PMC-Sierra, Inc PM5313 Datasheet HTML 496Page - PMC-Sierra, Inc PM5313 Datasheet HTML 497Page - PMC-Sierra, Inc PM5313 Datasheet HTML 498Page - PMC-Sierra, Inc PM5313 Datasheet HTML 499Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
463
Register 11D2H: APGM Generator Concatenate Control
Bit
Type
Function
Default
Bit 7
Unused
0
Bit 6
Unused
0
Bit 5
R/W
GEN_SEQ[3]
1
Bit 4
R/W
GEN_SEQ[2]
1
Bit 3
R/W
GEN_SEQ[1]
1
Bit 2
R/W
GEN_SEQ[0]
1
Bit 1
R/W
GEN_GMODE[1]
0
Bit 0
R/W
GEN_GMODE[0]
0
GEN_GMODE[1:0]:
The GEN_GMODE[1:0] bits control the operational mode of the pseudo
random sequence generator as summarized in the table below. When
GEN_GMODE[1:0] is set to 'b00, the generator will generate the complete
sequence for an STS-1 (STM-0/AU3) stream. When GEN_GMODE[1:0] is set
to 'b01, the generator will generate one third or 1 in 3 bytes of the complete
sequence for an STS-1 (STM-0/AU3) equivalent in an STS-3c (STM-1/AU4)
stream. When GEN_GMODE[1:0] is set to 'b10, the generator will generate
one twelfth or 1 in 12 bytes of the complete sequence for an STS-1 (STM-
0/AU3) equivalent in an STS-12c (STM-4-4c) stream.
GEN_GMODE
[1:0]
Generator Gap Mode Description
00
1in1 Gap Mode. Generator inserts the complete PRBS.
01
1in3 Gap Mode. Generator generates 1 of 3 (1in3) PRBS
bytes. The generator will also generate 1in2 bytes to skip
over POH columns.
10
1in12 Gap Mode. The generator generates 1 of 12
(1in12) PRBS bytes. The generator will also generate
1in8 bytes to skip over POH or fixed stuff columns.
11
Reserved
GEN_SEQ[3:0]
The Generator Sequence (GEN_SEQ[3:0]) sets the reset state of the LFSR
and places the generator in the master or slave mode. The sequence number
identifies the multiplexing order of the outgoing data into the concatenating
stream. The sequence number also affects the signature bit calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com