Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 480 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 480 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 476Page - PMC-Sierra, Inc PM5313 Datasheet HTML 477Page - PMC-Sierra, Inc PM5313 Datasheet HTML 478Page - PMC-Sierra, Inc PM5313 Datasheet HTML 479Page - PMC-Sierra, Inc PM5313 Datasheet HTML 480Page - PMC-Sierra, Inc PM5313 Datasheet HTML 481Page - PMC-Sierra, Inc PM5313 Datasheet HTML 482Page - PMC-Sierra, Inc PM5313 Datasheet HTML 483Page - PMC-Sierra, Inc PM5313 Datasheet HTML 484Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
448
Register 1193H: TPIP Alarm Interrupt Enable (EXTD=0)
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
AU3LOPCONE
0
Bit 5
R/W
LOPE
0
Bit 4
R/W
AU3PAISCONE
0
Bit 3
R/W
PAISE
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
PREIE
0
This register allows interrupt generation to be enabled or disabled for alarm and
error events. This register can be accessed when the EXTD bit is set low in the
TPIP Pointer MSB register.
Reserved:
The Reserved bits must be set to 0 for proper operation of the SPECTRA-622
PREIE:
When a 1 is written to the PREIE interrupt enable bit position, the reception of
one or more path REIs will activate the interrupt (INTB) output. Must only be
set in master slices.
PAISE:
When a 1 is written to the PAISE interrupt enable bit position, a change in the
path AIS state will activate the interrupt (INTB) output. Must only be set in
master slices.
AU3PAISCONE:
When a 1 is written to the AU3PAISCONE interrupt enable bit position, a
change in the AU3 concatenation path AIS state will activate the interrupt
(INTB) output. Must only be set in slave slices.
LOPE:
When a 1 is written to the LOPE interrupt enable bit position, a change in the
loss of pointer state will activate the interrupt (INTB) output. Must only be set
in master slices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com