Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 518 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 518 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 514Page - PMC-Sierra, Inc PM5313 Datasheet HTML 515Page - PMC-Sierra, Inc PM5313 Datasheet HTML 516Page - PMC-Sierra, Inc PM5313 Datasheet HTML 517Page - PMC-Sierra, Inc PM5313 Datasheet HTML 518Page - PMC-Sierra, Inc PM5313 Datasheet HTML 519Page - PMC-Sierra, Inc PM5313 Datasheet HTML 520Page - PMC-Sierra, Inc PM5313 Datasheet HTML 521Page - PMC-Sierra, Inc PM5313 Datasheet HTML 522Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
486
Pin / Enable
Register
Bit
Cell Type
Pin / Enable
Register
Bit
Cell Type
dd[11]
144
OUT_CELL
ale
5
IN_CELL
dd[12]
143
OUT_CELL
rdb_e
4
IN_CELL
dd[13]
142
OUT_CELL
mbeb
3
IN_CELL
dd[14]
141
OUT_CELL
wrb_rwb
2
IN_CELL
dd[15]
140
OUT_CELL
rstb
1
IN_CELL
dpl[2]
139
OUT_CELL
NOTES:
1. updoeb is the active low output enable for D[7:0].
2. roh_oeb is the active low output enable for ROH, ROHCLK and RFPO.
3. toh_oeb is the active low output enable for TOHCLK and TFP.
4. rld_oeb is the active low output enable for RLD and RLDCLK.
5. rsld_oeb is the active low output enable for RSLD and RSLDCLK.
6. tld_oeb is the active low output enable for TLDCLK.
7. tsld_oeb is the active low output enable for TSLDCLK.
8. scpo_oeb is the active low output enable for SCPO[1:0]
9. hiz is the active low output enable for all cells of type OUT_CELL, EXCEPT
those listed above.
10. RSTB is the first bit of the boundary scan chain.
13.2.1 Boundary Scan Cells
In the following diagrams, CLOCK-DR is equal to TCK when the current
controller state is SHIFT-DR or CAPTURE-DR, and unchanging otherwise. The
multiplexer in the center of the diagram selects one of four inputs, depending on
the status of select lines G1 and G2. The ID Code bit is as listed in the Boundary
Scan Register table located above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com