Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 521 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 521 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 517Page - PMC-Sierra, Inc PM5313 Datasheet HTML 518Page - PMC-Sierra, Inc PM5313 Datasheet HTML 519Page - PMC-Sierra, Inc PM5313 Datasheet HTML 520Page - PMC-Sierra, Inc PM5313 Datasheet HTML 521Page - PMC-Sierra, Inc PM5313 Datasheet HTML 522Page - PMC-Sierra, Inc PM5313 Datasheet HTML 523Page - PMC-Sierra, Inc PM5313 Datasheet HTML 524Page - PMC-Sierra, Inc PM5313 Datasheet HTML 525Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
489
14 OPERATION
This section presents Configuration Options, PCB design recommendations,
operating details for the JTAG boundary scan feature and interface details for
system side devices.
The SPECTRA-622 is a SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
device. It processes the section, line, path overhead of an STS-12/12c (STM-
4/AU3/AU4/AU4-Xc) stream. The SPECTRA-622 supports a rich set of line, path
and system configuration options. The SPECTRA-622 also supports mapping
and demapping of DS3 streams from SONET STS-1 payloads.
14.1 Software Initialization Sequence
After every reset or power up, the following operation need to be performed.
In order to activate the TX line interface, the TCLK must be enabled for a few
clock cycles or the TX bypass mode must be enabled by setting the TESBYP bit
in register 1030H. Either of those writes will activate the TX line interface, once
done, those bits can be reprogrammed at any value.
The OUTDATA bit in register 0033H must be set to one for the accurate operation
of the CRSI. This has to be done after every hardware or software reset and only
once.
If no other registers are programmed, the device will start in the following mode.
All slice will be in master mode, i.e. twelve STS-1. The APGM and DPGM are
disabled, all interrupts are disabled and the line interface is programmed in serial
mode, both RX and TX. The ADD and DROP bus will be running at 77.76 MHz
and the ADD bus will be expecting a C1, J1 and V1 pulse.
14.2 Transport and Path Overhead Bytes
Under normal operating conditions, the SPECTRA-622 processes the complete
transport overhead present in an STS-12/12c/STM-4/-4c stream. The byte
positions processed by the SPECTRA-622 are indicated below.
Transport Overhead Bytes
A1, A2:
The frame alignment bytes (A1, A2) locate the SONET/SDH frame
in the serial or parallel stream. These bytes can also used to byte
align the byte parallel received data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com