Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 522 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 522 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 518Page - PMC-Sierra, Inc PM5313 Datasheet HTML 519Page - PMC-Sierra, Inc PM5313 Datasheet HTML 520Page - PMC-Sierra, Inc PM5313 Datasheet HTML 521Page - PMC-Sierra, Inc PM5313 Datasheet HTML 522Page - PMC-Sierra, Inc PM5313 Datasheet HTML 523Page - PMC-Sierra, Inc PM5313 Datasheet HTML 524Page - PMC-Sierra, Inc PM5313 Datasheet HTML 525Page - PMC-Sierra, Inc PM5313 Datasheet HTML 526Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
490
J0
The J0 byte is currently defined as the section trace byte for
SONET/SDH. J0 byte is not scrambled by the frame synchronous
scrambler. The received section trace message is processed by
the SSTB block and also available on the RTOH port. The transmit
section trace message can be programmed in the SSTB, via the
TTOH port or the TSOP block.
Z0:
The Z0 bytes are currently defined as the section growth bytes for
SONET/SDH. Z0 bytes are not scrambled by the frame
synchronous scrambler. The received section growth bytes are
extracted and available on the RTOH port. The transmit section
growth bytes can be programmed in the TTOC or optionally in the
and TSOP blocks.
B1:
The section bit interleaved parity byte provides a section error
monitoring function.
In the transmit direction, the SPECTRA-622 calculates the B1 byte
over all bits of the previous frame after scrambling. The calculated
code is then placed in the current frame before scrambling.
In the receive direction, the SPECTRA-622 calculates the B1 code
over the current frame and compares this calculation with the B1
byte received in the following frame. B1 errors are accumulated in
the error event counter of the RSOP .
D1 - D3:
The section data communications channel provides a 192 kbit/s
data communications channel for network element to network
element communications.
In the transmit direction, the section DCC byte is inserted from a
dedicated 192 kbit/s input, TLD and/or TSLD. Section DCC can
also be inserted via the TTOH port controlled by the TTOC block.
In the receive direction, the section DCC is extracted on a
dedicated 192 kbit/s output, RLD and/or RSLD. Section DCC is
also extracted via onto the RTOH port via the RTOC block.
H1, H2:
The pointer value bytes locate the path overhead column in the
SONET/SDH frame.
In the transmit direction, the SPECTRA-622 TPOP block inserts a
valid pointer with pointer adjustments to accommodate
plesiochronous timing offsets between the references. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com