Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 523 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 523 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 519Page - PMC-Sierra, Inc PM5313 Datasheet HTML 520Page - PMC-Sierra, Inc PM5313 Datasheet HTML 521Page - PMC-Sierra, Inc PM5313 Datasheet HTML 522Page - PMC-Sierra, Inc PM5313 Datasheet HTML 523Page - PMC-Sierra, Inc PM5313 Datasheet HTML 524Page - PMC-Sierra, Inc PM5313 Datasheet HTML 525Page - PMC-Sierra, Inc PM5313 Datasheet HTML 526Page - PMC-Sierra, Inc PM5313 Datasheet HTML 527Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
491
concatenation indication must be programmed in the slave slices
via the TPOP registers.
In the receive direction, the pointer is interpreted by the RPOP to
locate the SPE. The loss of pointer state is entered when a valid
pointer cannot be found. Path AIS is detected when H1, H2 contain
an all ones pattern.
H3:
The pointer action bytes contain synchronous payload envelope
data when a negative stuff event occurs. The all zeros pattern is
inserted in the transmit direction. This byte is ignored in the receive
direction unless a negative stuff event is detected.
B2:
The line bit interleaved parity bytes provide a line error monitoring
function.
In the transmit direction, the SPECTRA-622 TLOP block calculates
the B2 values. The calculated code is then placed in the next
frame.
In the receive direction, the SPECTRA-622 RLOP block calculates
the B2 code over the current frame and compares this calculation
with the B2 code receive in the following frame. Receive B2 errors
are accumulated in an error event counter.
K1, K2:
The K1 and K2 bytes provide the automatic protection switching
channel. The K2 byte is also used to identify line layer
maintenance signals. Line RDI is indicated when bits 6, 7, and 8 of
the K2 byte are set to the pattern '110'. Line AIS is indicated when
bits 6, 7, and 8 of the K2 byte are set to the pattern '111'.
In the transmit direction, the K1 and K2 bytes can be inserted via
the TTOH, TOH and TAD ports. The SPECTRA-622 also provides
register control for the K1 and K2 bytes in the TLOP block.
In the receive direction, the SPECTRA-622 RASE block provides
register access to the filtered APS channel. Protection switch byte
failure alarm detection is provided. The K2 byte is examined by
the RLOP block to determine the presence of the line AIS, or the
line RDI maintenance signals
D4 - D12:
The line data communications channel provides a 576 kbit/s data
communications channel for network element to network element
communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com