Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 526 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 526 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 522Page - PMC-Sierra, Inc PM5313 Datasheet HTML 523Page - PMC-Sierra, Inc PM5313 Datasheet HTML 524Page - PMC-Sierra, Inc PM5313 Datasheet HTML 525Page - PMC-Sierra, Inc PM5313 Datasheet HTML 526Page - PMC-Sierra, Inc PM5313 Datasheet HTML 527Page - PMC-Sierra, Inc PM5313 Datasheet HTML 528Page - PMC-Sierra, Inc PM5313 Datasheet HTML 529Page - PMC-Sierra, Inc PM5313 Datasheet HTML 530Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
494
In the receive direction, the code is available in the RPOP Path
Signal Label register. In addition, the SPTB block also provides
circuitry to detect path signal label mismatch and unstable alarms.
G1:
The path status byte provides a path REI (FEBE) function, and a
path remote defect indication function. Three bits are allocated for
remote defect indications: bit 5 (the path RDI bit), bit 6 (the auxiliary
path RDI bit) and bit 7 (Enhanced RDI bit). Taken together these
bits provide a eight state path RDI code that can be used to
categorize path defect indications.
In the transmit direction, the SPECTRA-622 provides register bits to
control the path RDI states in the TPOP block. The path RDI may
also be set via the TAD port. For path FEBE, the number of B3
errors detected in the previous interval is inserted either
automatically or using a register in the TPOP block. This path
FEBE code has 9 legal values, namely 0 to 8 errors. The TAD port
may also be used to provide the REI count of a mate SPECTRA.
The TAD port can retrieve up to 15 BIP error for each slice per
frame (125 us). Given the timing of the RAD port, a mate
SPECTRA-622 could output 16 errors within one frame period. If
eight errors are detected in two consecutive frames and the timing
makes them appear within one frame period, one count could be
lost.
In the receive direction, a legal path FEBE value is accumulated in
the path FEBE event counter of the RPOP. In addition, the path
RDI and auxiliary path RDI signal states are available in internal
registers. The REI (FEBE) count is also available on the RAD port.
H4:
The multi-frame indicator byte is a payload specific byte. The byte
can be set by the TTAL block in the transmit stream. In the recive
stream the RPOP can process the H4 and declare LOM.
Z3 - Z5:
The path growth bytes provide three unused bytes for future use.
In the transmit direction the TPOP block and the TPOH port can be used to insert
the Z5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com