Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 547 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 547 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 543Page - PMC-Sierra, Inc PM5313 Datasheet HTML 544Page - PMC-Sierra, Inc PM5313 Datasheet HTML 545Page - PMC-Sierra, Inc PM5313 Datasheet HTML 546Page - PMC-Sierra, Inc PM5313 Datasheet HTML 547Page - PMC-Sierra, Inc PM5313 Datasheet HTML 548Page - PMC-Sierra, Inc PM5313 Datasheet HTML 549Page - PMC-Sierra, Inc PM5313 Datasheet HTML 550Page - PMC-Sierra, Inc PM5313 Datasheet HTML 551Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
515
device inputs and outputs can be sampled by loading the boundary scan register
using the Capture-DR state. The sampled values can then be viewed by shifting
the boundary scan register using the Shift-DR state.
IDCODE
The identification instruction is used to connect the identification register between
TDI and TDO. The device's identification code can then be shifted out using the
Shift-DR state.
STCTEST
The single transport chain instruction is used to test out the TAP controller and
the boundary scan register during production test. When this instruction is the
current instruction, the boundary scan register is connected between TDI and
TDO. During the Capture-DR state, the device identification code is loaded into
the boundary scan register. The code can then be shifted out output, TDO using
the Shift-DR state.
14.12 Board Design Recommendations
The noise environment and signal integrity are often the limiting factors in system
performance. Therefore, the following board design guidelines must be followed
in order to ensure proper operation:
1. Use a single plane for both digital and analog grounds.
2. Provide separate +3.3 volt analog transmit, +3.3 volt analog receive, and +3.3
volt digital supplies, but otherwise connect the supply voltages together at one
point close to the connector where +3.3 volts is brought to the card.
3. Ferrite beads are not advisable in digital switching circuits because inductive
spiking (di/dt noise) is introduced into the power rail. Simple RC filtering is the
best approach provided care is taken to ensure the IR drop in the resistance
does not lower the supply voltage below the recommended operating voltage.
4. High-frequency decoupling capacitors are recommended for the analog
power pins as close to the package pin as possible. Separate decoupling is
required to prevent the transmitter from coupling noise into the receiver and to
prevent transients from coupling into some reference circuitry. See the section
on Power Supplies for more details.
5. The high speed serial streams (TXD+/-, RXD+/, and RRCLK+/-) must be
routed with 50 ohm controlled impedance circuit board traces and must be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com