Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 545 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 545 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 541Page - PMC-Sierra, Inc PM5313 Datasheet HTML 542Page - PMC-Sierra, Inc PM5313 Datasheet HTML 543Page - PMC-Sierra, Inc PM5313 Datasheet HTML 544Page - PMC-Sierra, Inc PM5313 Datasheet HTML 545Page - PMC-Sierra, Inc PM5313 Datasheet HTML 546Page - PMC-Sierra, Inc PM5313 Datasheet HTML 547Page - PMC-Sierra, Inc PM5313 Datasheet HTML 548Page - PMC-Sierra, Inc PM5313 Datasheet HTML 549Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
513
14.11.2
States
Test-Logic-Reset
The test logic reset state is used to disable the TAP logic when the device is in
normal mode operation. The state is entered asynchronously by asserting input,
TRSTB. The state is entered synchronously regardless of the current TAP
controller state by forcing input, TMS high for 5 TCK clock cycles. While in this
state, the instruction register is set to the IDCODE instruction.
Run-Test-Idle
The run test/idle state is used to execute tests.
Capture-DR
The capture data register state is used to load parallel data into the test data
registers selected by the current instruction. If the selected register does not
allow parallel loads or no loading is required by the current instruction, the test
register maintains its value. Loading occurs on the rising edge of TCK.
Shift-DR
The shift data register state is used to shift the selected test data registers by one
stage. Shifting is from MSB to LSB and occurs on the rising edge of TCK.
Update-DR
The update data register state is used to load a test register's parallel output
latch. In general, the output latches are used to control the device. For example,
for the EXTEST instruction, the boundary scan test register's parallel output
latches are used to control the device's outputs. The parallel output latches are
updated on the falling edge of TCK.
Capture-IR
The capture instruction register state is used to load the instruction register with a
fixed instruction. The load occurs on the rising edge of TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com