Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 548 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 548 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 544Page - PMC-Sierra, Inc PM5313 Datasheet HTML 545Page - PMC-Sierra, Inc PM5313 Datasheet HTML 546Page - PMC-Sierra, Inc PM5313 Datasheet HTML 547Page - PMC-Sierra, Inc PM5313 Datasheet HTML 548Page - PMC-Sierra, Inc PM5313 Datasheet HTML 549Page - PMC-Sierra, Inc PM5313 Datasheet HTML 550Page - PMC-Sierra, Inc PM5313 Datasheet HTML 551Page - PMC-Sierra, Inc PM5313 Datasheet HTML 552Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
516
terminated with a matched load. Normal TTL-type design rules are not
recommended and will reduce the performance of the device. See the section
on interfacing to ECL and PECL devices for more details.
14.13 Power Supplies
Due to ESD protection structures in the pads it is necessary to exercise caution
when powering a device up or down. ESD protection devices behave as diodes
between power supply pins and from I/O pins to power supply pins. Under
extreme conditions it is possible to blow these ESD protection devices or trigger
latch up. The recommended power supply sequencing follows:
1.)
To prevent damage to the ESD protection on the device inputs the
maximum DC input current specification must be respected. This is
accomplished by either ensuring that the VDD power is applied before input
pins are driven or by increasing the source impedance of the driver so that
the maximum driver short circuit current is less than the maximum DC input
current specification.
2.)
QAVD power must be supplied either after VDD or simultaneously with VDD
to prevent current flow through the ESD protection devices which exist
between QAVD and VDD power supplies. To prevent forward biasing the
ESD protection diode between QAVD and VDD supplies, the differential
voltage measured between these power supplies must be less than 0.5 volt.
This recommended differential voltage is to include peak to peak noise on
the VDD power supply as digital noise will otherwise be coupled into the
analog circuitry. Current limiting can be accomplished by using an off chip
three terminal voltage regulator supplied by a quiet high voltage supply.
3.)
BIAS voltages (VBIAS and PBIAS) must be supplied either before VDD or
simultaneously with VDD to prevent current flow through the ESD protection
devices which exist between BIAS and VDD power supplies.
4.)
Analog power supplies (AVD but not QAVD) must be either applied
simultaneously with every QAVD and VDD, after all QAVD and VDD have
been applied, or they must be current limited to the maximum latchup
current specification. (100 mA). To prevent forward biasing the ESD
protection diode between AVD supplies and QAVD the differential voltage
measured between these power supplies must be less than 0.5 volt.
This recommended differential voltage is to include peak to peak noise on
the QAVD and AVD power supplies as digital noise will otherwise be
coupled into the analog circuitry. Current limiting can be accomplished by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com