Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 541 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 541 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 537Page - PMC-Sierra, Inc PM5313 Datasheet HTML 538Page - PMC-Sierra, Inc PM5313 Datasheet HTML 539Page - PMC-Sierra, Inc PM5313 Datasheet HTML 540Page - PMC-Sierra, Inc PM5313 Datasheet HTML 541Page - PMC-Sierra, Inc PM5313 Datasheet HTML 542Page - PMC-Sierra, Inc PM5313 Datasheet HTML 543Page - PMC-Sierra, Inc PM5313 Datasheet HTML 544Page - PMC-Sierra, Inc PM5313 Datasheet HTML 545Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
509
The SPECTRA-622 may be configured to support the system-side line loopback
of up to twelve STS-1 (STM-0/AU3) or equivalent receive streams.
The DS3 line loopback (DS3LLBEN=1) connects the DS3 receive stream from
the DS3 Mapper DROP side (D3MD) of the associated RPPS to the DS3 Mapper
ADD side (D3MA) of the corresponding TPPS. The DS3ADDSEL bit in the
SPECTRA-622 TPPS Path and DS3 Configuration register of the TPPS must
also be set high. This mode can be used for line side investigations (including
clock recovery and clock synthesis) as well as DS3 stream processing
investigations. While in this mode, the entire receive (DS3) path is operating
normally. The SPECTRA-622 may be configured to support the DS3 line
loopback of up to twelve DS3 receive streams.
14.11 JTAG Support
The SPECTRA-622 supports the IEEE Boundary Scan Specification as
described in the IEEE 1149.1 standards. The Test Access Port (TAP) consists of
the five standard pins, TRSTB, TCK, TMS, TDI and TDO used to control the TAP
controller and the boundary scan registers. The TRSTB input is the active-low
reset signal used to reset the TAP controller. TCK is the test clock used to sample
data on input, TDI and to output data on output, TDO. The TMS input is used to
direct the TAP controller through its states. The basic boundary scan architecture
is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com