Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 540 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 540 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 536Page - PMC-Sierra, Inc PM5313 Datasheet HTML 537Page - PMC-Sierra, Inc PM5313 Datasheet HTML 538Page - PMC-Sierra, Inc PM5313 Datasheet HTML 539Page - PMC-Sierra, Inc PM5313 Datasheet HTML 540Page - PMC-Sierra, Inc PM5313 Datasheet HTML 541Page - PMC-Sierra, Inc PM5313 Datasheet HTML 542Page - PMC-Sierra, Inc PM5313 Datasheet HTML 543Page - PMC-Sierra, Inc PM5313 Datasheet HTML 544Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
508
14.9.4 Implementation Example
It was determine experimentally that using a frequency of 8kHz for acquiring Phase
Sample and using 1024 samples for averaging provided a good compromise between
PLL agility and stability. This will give the following programming parameters for the
Phase comparator:
Tref = 1/8000 = 125uS
REFPER = (Tref/Trclk) – 1 = (125 * 10^-6/51.44 * 10 ^-9) –1 = 2429
PHCNTPER = (Tref/Tvcoclk) – 1 = (125 * 10^-6/12.86 * 10 ^-9) – 1 = 9719
AVGPER = 1024
14.10 Loopback Operation
The SPECTRA-622 supports five loopback functions: line loopback, system-side
line loopback, DS3 line loopback, parallel diagnostic loopback and serial
diagnostic loopback. The loopback modes are activated by the SLLE, PDLE and
SDLE bits contained in the SPECTRA-622 Configuration register and the
SLLBEN and DS3LLBEN bits in the SPECTRA-622 TPPS Configuration register.
The line loopback (SLLE=1) connects the high speed receive data and clock to
the high speed transmit data and clock, and can be used for line side
investigations (including clock recovery and clock synthesis). While in this mode,
the entire receive path is operating normally.
The serial diagnostic loopback (SDLE=1) connects the high speed transmit data
and clock to the high speed receive data and clock. While in this mode, the entire
transmit path is operating normally and data is transmitted on the TXD+/- outputs.
The parallel diagnostic loopback (PDLE=1) connects the byte wide transmit data
and clock to the byte wide receive data and clock. While in this mode, the entire
transmit path is operating normally and data is transmitted on the TXD+/- outputs.
The system-side line loopback (SLLBEN=1) connects the STS-1 (STM-0/AU3) or
equivalent receive stream from the Receive Telecom bus Aligner (RTAL) of the
associated RPPS to the Transmit Telecom bus Aligner (TTAL) of the
corresponding TPPS. This mode can be used for line side investigations
(including clock recovery and clock synthesis) as well as path processing
investigations. While in this mode, the entire receive path is operating normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com