Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 539 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 539 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 535Page - PMC-Sierra, Inc PM5313 Datasheet HTML 536Page - PMC-Sierra, Inc PM5313 Datasheet HTML 537Page - PMC-Sierra, Inc PM5313 Datasheet HTML 538Page - PMC-Sierra, Inc PM5313 Datasheet HTML 539Page - PMC-Sierra, Inc PM5313 Datasheet HTML 540Page - PMC-Sierra, Inc PM5313 Datasheet HTML 541Page - PMC-Sierra, Inc PM5313 Datasheet HTML 542Page - PMC-Sierra, Inc PM5313 Datasheet HTML 543Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
507
14.9.2 Phase Comparator
The Reference Period and the Phase Count Period registers define the division ration
between the RCLK and VCOCLK. They need to be programmed so both periods are
equal. The value programmed into the reference period and phase counter registers is
one less than the actual count.
phcnt
vcoclk
ref
rclk
ref
N
N
×
Τ
=
×
Τ
=
Τ
where
Nref = REFPER + 1
Nphcnt = PHCNTPER + 1
The Phase Detector sensitivity is equal to:
π
=
2
phcnt
pd
N
K
14.9.3 Phase Sample Averaging
The Averaging Period defines the number of Phase Count samples averaged together
to create the Phase Word (PHAWORD). The number of averaging samples is
expressed as a power of 2 with AVGPER. This period is equal to:
2
N
AVGPER
ref
avg
ref
avg
×
=
Τ
×
Τ
=
Τ
PHAWORD is a 31 bit wide word that includes an integer and fractional part. The
fractional part is LSB aligned. Its width varies depending on the number of samples
includes in the average with the number of bit equals to AVGPER value. The integer
part is 16 bit wide. PHAWORD does not include a fractional part when AVGPER is
equal to 0. When the fractional part of PHAWORD has less than 15 bits, the MSBs are
padded with logic 0. The following gives an example for PHAWORD with an averaging
period of 1024 (AVGPER = 10).
Bit
30 ........... 26
25 .................10 9 ....................... 0
Value
0 ............... 0
PHAWORD Int
PHAWORD Frac
The PHAWORD sets the format for all downstream operations of the WANS, i.e. the
fractional part is carried over to operations performed on PHAWORD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com