Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 535 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 535 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 531Page - PMC-Sierra, Inc PM5313 Datasheet HTML 532Page - PMC-Sierra, Inc PM5313 Datasheet HTML 533Page - PMC-Sierra, Inc PM5313 Datasheet HTML 534Page - PMC-Sierra, Inc PM5313 Datasheet HTML 535Page - PMC-Sierra, Inc PM5313 Datasheet HTML 536Page - PMC-Sierra, Inc PM5313 Datasheet HTML 537Page - PMC-Sierra, Inc PM5313 Datasheet HTML 538Page - PMC-Sierra, Inc PM5313 Datasheet HTML 539Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
503
14.7 Bit Error Rate Monitor
The SPECTRA-622 provides two BERM blocks. One can be dedicated to
monitoring the Signal Degrade (SD) error rates and the other dedicated to
monitoring the Signal Fail (SF) error rates.
The Bit Error Rate Monitor (BERM) block counts and monitor line BIP errors over
programmable periods of time (window size). At the associated thresholds, it
declares an alarm or clears it if the alarm is already set. A different threshold and
accumulation period must be used for declaring and clearing alarms regardless
of whether the two operations are set to the same BER threshold. The following
table list the recommended content of the BERM registers for different error rates
(BER). Both BERMs in the TSB are equivalent and are programmed similarly. In
a normal application, they will be set to monitor different BER’s.
When the SF/SD CMODE bit is set to one, the clearing monitoring is
recommended to be performed using a window size that is 8 times longer than
the declaration window size. When the SF/SD CMODE bit is set to zero, the
clearing monitoring is recommended to be performed using a window size equal
to the declaration window size. In all cases the clearing threshold is calculated for
a BER that is 10 times lower than the declaration BER, as required in the
references. The table indicates the declare BER and evaluation period only.
The Saturation threshold is not listed in the table, and should be programmed
with the value 0xFFF by default, deactivating saturation. Saturation capabilities
are provided to allow the user to address issues associated with error bursts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com