Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 532 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 532 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 528Page - PMC-Sierra, Inc PM5313 Datasheet HTML 529Page - PMC-Sierra, Inc PM5313 Datasheet HTML 530Page - PMC-Sierra, Inc PM5313 Datasheet HTML 531Page - PMC-Sierra, Inc PM5313 Datasheet HTML 532Page - PMC-Sierra, Inc PM5313 Datasheet HTML 533Page - PMC-Sierra, Inc PM5313 Datasheet HTML 534Page - PMC-Sierra, Inc PM5313 Datasheet HTML 535Page - PMC-Sierra, Inc PM5313 Datasheet HTML 536Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
500
14.5 Time Slot Interchange (Grooming) Configuration Options
The Telecom Bus STS-1 (STM-0/AU3) Time-slots (Streams) table below list all
the Telecom ADD/DROP bus streams or time-slots for the three different Telecom
Bus configurations. The Input/Output order of the STS-1 (STM-0/AU3) streams or
time-slots is provided for each Telecom Bus configuration.
Table 23
-Telecom Bus STS-1 (STM-0/AU3) Time-slots (Streams)
4 x 19.44 MHz
Buses
1x 77.76 MHz
Bus
“STS-1/AU3”
Telecom Bus
Time-Slots
(Streams)
I/O
Order
Data
Bus
I/O
Order
Data
Bus
STM-1 #1 AU3 #1
1
1
STM-1 #1 AU3 #2
2
5
STM-1 #1 AU3 #3
3
AD[7:0]
DD[7:0]
9
STM-1 #2 AU3 #1
1
2
STM-1 #2 AU3 #2
2
6
STM-1 #2 AU3 #3
3
AD[15:8]
DD[15:8]
10
STM-1 #3 AU3 #1
1
3
STM-1 #3 AU3 #2
2
7
STM-1 #3 AU3 #3
3
AD[23:16]
DD[23:16]
11
STM-1 #4 AU3 #1
1
4
STM-1 #4 AU3 #2
2
8
STM-1 #4 AU3 #3
3
AD[31:24]
DD[31:24]
12
AD[7:0]
DD[7:0]
Grooming of STS (AU) streams at the Telecom DROP bus(es) is achieved by
selecting an STS-1 (STM-0/AU3) or equivalent receive stream (i.e. time-slot or
column in an STS-12/STM-4 frame) for each DROP bus time-slot other than its
default. Any receive stream can be selected for DROP bus time-slot STM-1 #i
AU3 #j using the STM1SEL[1:0] and AU3SEL[1:0] bits in the corresponding
SPECTRA-622 Drop Bus STM-1 #i AU3 #j Select register. Normally, each STS-1
(STM-0/AU3) receive stream is selected only for one DROP bus time-slot. DROP
bus multicast is achieved when the same STS-1 (STM-0/AU3) receive stream is
selected for multiple DROP bus time-slots.
Similarly, grooming of STS (AU) streams at the Telecom ADD bus(es) is achieved
by selecting an STS-1 (STM-0/AU3) or equivalent ADD bus stream (i.e. time-slot
or column in an STS-12/STM-4 frame) for each transmit time-slot other than its
default. Any ADD bus stream can be selected for transmit time-slot STM-1 #i AU3
#j using the STM1SEL[1:0] and AU3SEL[1:0] bits in the corresponding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com