Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 531 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 531 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 527Page - PMC-Sierra, Inc PM5313 Datasheet HTML 528Page - PMC-Sierra, Inc PM5313 Datasheet HTML 529Page - PMC-Sierra, Inc PM5313 Datasheet HTML 530Page - PMC-Sierra, Inc PM5313 Datasheet HTML 531Page - PMC-Sierra, Inc PM5313 Datasheet HTML 532Page - PMC-Sierra, Inc PM5313 Datasheet HTML 533Page - PMC-Sierra, Inc PM5313 Datasheet HTML 534Page - PMC-Sierra, Inc PM5313 Datasheet HTML 535Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
499
Of-Pointer (LOP) status and errored concatenation indications are reported as an
AU3 Loss-Of-Pointer-Concatenation (AU3LOPCON) in the RPOP (TPIP) Status
and Control register.
Under normal operating conditions, the LOP status in a master slice is set low
while the AU3LOPCON is set high. The opposite is true for a slave slice; the LOP
status is set high while the AU3LOPCON status is set low. By monitoring LOP
and AU3LOPCON, it is possible to detect for mismatches between the
configuration of the receive (ADD bus) stream and the provisioning of the
SPECTRA-622.
For ADD bus concatenated/non-concatenated streams detection to function, valid
H1 and H2 must be provided in the ADD bus SPE data stream and the ADD bus
must be configured to interpret the pointer (see Table 8).
14.4.4 PRBS Generator/Monitor Configuration for Concatenated streams
For an STS-12 (STM-4/AU3) ADD or DROP bus stream, the (APGM/DPGM)
PRBS Generator and Monitor, in each Path Processing Slice (PPS) handling an
STS-1 (STM-0/AU3), can be independently configured and enabled without
affecting the PRBS generation or monitoring performed by other PPS’s. However,
for concatenated streams such as STS-3c (STM-1/AU4) or STS-12c (STM-4-4c),
a group re-start of the PRBS generation is required after all the PRBS
Generators within the PPS group have been configured and enabled by setting
the GEN_REGEN bit in the (APGM/DPGM) Generator Control register of the
master Path Processing Slice. The software group re-start will align all the PRBS
Generators to produce a complete and valid sequence for the concatenated
stream. Alarm such as Loss-Of-Pointer (LOP) or Path AIS (PAIS) may cause mis-
alignment between PRBS Generators in the PPS group and may persist after the
alarm has been removed. Mis-alignment is indicated by the signature status
(GEN_SIGV) bit in the (APGM/DPGM) Generator/Monitor Status/Interrupt
register of a slave Path Processing Slice. A software group re-start is required to
recover from this condition.
The PRBS Monitors in a PPS group processing a concatenated stream operate
independently of each other. If the monitored PRBS sequence is formed by mis-
aligned sub-sequences (due to mis-aligned Generators or incorrect muxing
order), the PRBS Monitors in the slave Path Processing Slices will indicate that
they have locked on to the corresponding sub-sequences. However, the mis-
alignment will be indicated by the signature status (MON_SIGV) bit in the
(APGM/DPGM) Generator/Monitor Status/Interrupt register of a slave Path
Processing Slice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com