Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 533 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 533 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 529Page - PMC-Sierra, Inc PM5313 Datasheet HTML 530Page - PMC-Sierra, Inc PM5313 Datasheet HTML 531Page - PMC-Sierra, Inc PM5313 Datasheet HTML 532Page - PMC-Sierra, Inc PM5313 Datasheet HTML 533Page - PMC-Sierra, Inc PM5313 Datasheet HTML 534Page - PMC-Sierra, Inc PM5313 Datasheet HTML 535Page - PMC-Sierra, Inc PM5313 Datasheet HTML 536Page - PMC-Sierra, Inc PM5313 Datasheet HTML 537Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
501
SPECTRA-622 Add Bus STM-1 #i AU3 #j Select register. Normally, each ADD
bus STS-1 (STM-0/AU3) stream is selected only for a single transmit time-slot.
ADD bus multicast is achieved when the same STS-1 (STM-0/AU3) ADD bus
stream is selected for multiple transmit time-slots.
The default settings in the SPECTRA-622 Add/Drop Bus STM-1 #i AU3 #j Select
registers disable all grooming functions.
14.6 System Interface Configuration Options
14.6.1 Single 77.76 MHz Byte Telecom Bus Mode
The Single 77.76 MHz Byte Telecom Bus Mode is selected by setting the
ATMODE bit in the SPECTRA-622 ADD Bus Configuration register to low (for
ADD bus) and the DTMODE bit in the SPECTRA-622 DROP Bus Configuration
register to low (for DROP bus). In addition for the DROP Bus, the Telecom bus
must be enabled by setting the DMODE inputs or register bits to “01b” or “11b”.
When operating in this mode, system data is delivered to the SPECTRA-622 via
an eight bit ADD bus (AD[7:0]) and is sourced by the SPECTRA-622 via an eight
bit DROP bus (DD[7:0]). For the ADD bus, the SPECTRA-622 requires either a
composite C1, J1, V1 input or optionally a C1 or AFP signal coupled with a valid
H1, H2 pointer.
The ADD bus and the DROP bus timing domains can be asynchronous to each
other as well as to the transmit and receive line side interfaces. The SPECTRA-
622 compensates for timing differences via pointer justifications.
14.6.2 Four 19.44 MHz Byte Telecom Bus Mode
The Four 19.44 MHz Byte Telecom Bus Mode is selected by setting the ATMODE
bit in the SPECTRA-622 ADD Bus Configuration register to high (for ADD bus)
and the DTMODE bit in the SPECTRA-622 DROP Bus Configuration register to
high (for DROP bus). In addition for the DROP Bus, the Telecom bus must be
enabled by setting the DMODE inputs or register bits to “01b” or “11b”. When
operating in this mode, system data is delivered to the SPECTRA-622 via four
eight bit ADD buses (AD[7:0], AD[15:8], AD[23:16], AD[31:24]) and is sourced by
the SPECTRA-622 via four eight bit DROP buses (DD[7:0], DD[15:8], DD[23:16],
DD[31:24]). For the ADD buses, the SPECTRA-622 requires either a composite
C1, J1, V1 input or optionally a C1 or AFP signal coupled with a valid H1, H2
pointer. All four C1 or AFP signals must always be aligned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com