Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 537 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 537 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 533Page - PMC-Sierra, Inc PM5313 Datasheet HTML 534Page - PMC-Sierra, Inc PM5313 Datasheet HTML 535Page - PMC-Sierra, Inc PM5313 Datasheet HTML 536Page - PMC-Sierra, Inc PM5313 Datasheet HTML 537Page - PMC-Sierra, Inc PM5313 Datasheet HTML 538Page - PMC-Sierra, Inc PM5313 Datasheet HTML 539Page - PMC-Sierra, Inc PM5313 Datasheet HTML 540Page - PMC-Sierra, Inc PM5313 Datasheet HTML 541Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
505
Mode A is provided for all public user network interfaces (UNIs) and for private
UNIs and private network node interfaces (NNIs) that are not synchronized to the
recovered clock.
The transmit clock in a public UNI must conform to SONET Network Element
(NE) requirements specified in Bellcore GR-253-CORE (1995 issue). These
requirements include jitter generation, short term clock stability, phase transients
during synchronization failure, and holdover. The 77.76 MHz clock source is
typically a VCO (or temperature compensated VCXO) locked to a primary
reference source for public UNI applications. The accuracy of this clock source
should be within ±20 ppm of 77.76 MHz to comply with the SONET/SDH network
element free-run accuracy requirements. The SPECTRA-622 WANS block can
be used to implement the system timing reference.
The transmit clock in a private UNI or a private NNI may be locked to an external
reference or may free-run. The simplest implementation requires an oscillator
free-running at 77.76 MHz.
Mode A is selected by clearing the LOOPT bit of the Channel Control register.
REFCLK is multiplied by 8 to become the 622.08 MHz transmit clock. REFCLK
must be jitter free. The source REFCLK is also internally used as the clock
recovery reference.
Mode B is provided for private UNIs and private NNIs that require
synchronization to the recovered clock. Mode B is selected by setting the LOOPT
bit of the Master Control register. Normally, the transmit clock is locked to the
receive data. In the event of a loss of signal condition, the transmit clock is
synthesized from REFCLK.
Mode C is the external loop timing mode which make use of the WAN
Synchronization block capabilities. This mode can be achieved when LOOPT is
set to logic 0. The timing loop is achieved at the system level, through a
microprocessor, an external VCXO and back into the REFCLK input. This mode
allows an interface to meet Bellcore wander transfer and holdover stability
requirements.
14.9
WAN Synchronization Parameters
The WANS implements a phase detector that can be used in the implementation of a
digital PLL. Below, Figure 25, is a high level representation of a typical implementation
of a high stability digital loop filter. In this circuit, the temperature and VCXO linearity
compensation is performed digitally, although other techniques could be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com