Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 110 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 110 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 106Page - PMC-Sierra, Inc PM5313 Datasheet HTML 107Page - PMC-Sierra, Inc PM5313 Datasheet HTML 108Page - PMC-Sierra, Inc PM5313 Datasheet HTML 109Page - PMC-Sierra, Inc PM5313 Datasheet HTML 110Page - PMC-Sierra, Inc PM5313 Datasheet HTML 111Page - PMC-Sierra, Inc PM5313 Datasheet HTML 112Page - PMC-Sierra, Inc PM5313 Datasheet HTML 113Page - PMC-Sierra, Inc PM5313 Datasheet HTML 114Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
78
Pin Name
Pin
Type
PIN
No.
Function
DC1J1V1[3]
Output
W28
The DROP bus composite timing signal #3
(DC1J1V1[3]) indicates the frame, payload and
tributary multiframe boundaries on the DROP data
bus signals DD[23:16]. DC1J1V1[3] pulses high
with the DROP bus payload active signal (DPL[3])
set low to mark the first STS-1 (STM-0/AU3)
Identification byte or equivalently the STM
identification byte (C1). DC1J1V1[3] pulses high
with DPL[3] set high to mark the path trace byte
(J1). Optionally, the DC1J1V1[3] signal pulses high
on the V1 byte to indicate tributary multiframe
boundaries using the ENDV1 bit in the SPECTRA-
622 RPPS Path/DS-3 Configuration register.
DC1J1V1[3] is updated on the rising edge of DCK.
This output is forced low in DROP DS3 interface
mode and STS-12/STM-4 parallel mode. The DROP
interface mode is set via the DMODE[1:0] input pins
or the DMODE[1:0] register bits in the SPECTRA-
622 DROP Bus Configuration register.
DC1J1V1[4]
Output
AD27
The DROP bus composite timing signal #4
(DC1J1V1[4]) indicates the frame, payload and
tributary multiframe boundaries on the DROP data
bus signals DD[31:24]. DC1J1V1[4] pulses high
with the DROP bus payload active signal (DPL[4])
set low to mark the first STS-1 (STM-0/AU3)
Identification byte or equivalently the STM
identification byte (C1). DC1J1V1[4] pulses high
with DPL[4] set high to mark the path trace byte
(J1). Optionally, the DC1J1V1[4] signal pulses high
on the V1 byte to indicate tributary multiframe
boundaries using the ENDV1 bit in the SPECTRA-
622 RPPS Path/DS-3 Configuration register.
DC1J1V1[4] is updated on the rising edge of DCK.
This output is forced low in DROP DS3 interface
mode and STS-12/STM-4 parallel mode. The DROP
interface mode is set via the DMODE[1:0] input pins
or the DMODE[1:0] register bits in the SPECTRA-
622 DROP Bus Configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com